Electronic Components Datasheet Search
  English  ▼

X  

MAX9022ASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9022ASA
Description  Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9022ASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9022ASA Datasheet HTML 1Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 2Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 3Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 4Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 5Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 6Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 7Page - Maxim Integrated Products MAX9022ASA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micropower, Ultra-Small, Single/Dual/Quad,
Single-Supply Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ....................................-0.3V to +6V
Voltage Inputs (IN+, IN- to VSS). ................-0.3V to (VDD + 0.3V)
Differential Input Voltage (IN+ to IN-)....................................6.6V
Output Short-Circuit Duration ..................2s to Either VDD or VSS
Current into Any Pin ............................................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ...............247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin SOT23 (derate 9.1mW/°C above +70°C).............727mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ..........727mW
14-Pin SO (derate 8.3mW/°C above +70.......................667mW
Operating Temperature Range
Automotive Application...................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VDD
Guaranteed by PSRR test
2.5
5.5
V
Supply Current Per Comparator
IDD
2.8
5
µA
Input Offset Voltage
VOS
(Note 2)
±1
±8mV
Input Offset Voltage
Temperature Coefficient
TCVOS
±1
µV/
°C
Hysteresis
(Note 3)
4
mV
Input Bias Current
IBIAS
380
nA
Input Offset Current
IOS
±2
±60
nA
Common-Mode Voltage Range
VCM
Guaranteed by CMRR test
VSS
VDD - 1.1
V
Common-Mode Rejection Ratio
CMRR
VSS
≤ VCM ≤ (VDD - 1.1V), VDD = 5.5V
70
100
dB
Power-Supply Rejection Ratio
PSRR
VDD = 2.5V to 5.5V
60
80
dB
ISOURCE = 10µA
2
VOH = VDD - VOUT,
(VIN+ - VIN-)
≥ 20mV
ISOURCE = 4mA
160
400
ISINK = 10µA
2
Output-Voltage Swing
VOL, VOH
VOL = VOUT - VSS,
(VIN- - VIN+)
≥ 20mV
ISINK = 4mA
180
400
mV
Output Short-Circuit Current
ISC
50
mA
VOD = 10mV
8
Propagation Delay
tpd+, tpd-
RL = 10k
Ω,
CL = 15pF (Note 4)
VOD = 100mV
3
µs
Rise and Fall Time
tR, tF
RL = 10k
Ω, CL = 15pF (Note 5)
20
ns
Power-On Time
RL = 10k
Ω, CL = 15pF
150
ns
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Note 1: All devices are production tested at 25°C. All temperature limits are guaranteed by design.
Note 2: Comparator Input Offset is defined as the center of the hysteresis zone.
Note 3: Hysteresis is defined as the difference of the trip points required to change comparator output states.
Note 4: VOD is the overdrive voltage beyond the offset and hysteresis-determined trip points.
Note 5: Rise and fall times are measured between 10% and 90% at OUT.
ELECTRICAL CHARACTERISTICS
(VDD = 5V, VSS = 0, VCM = 0, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com