Electronic Components Datasheet Search
  English  ▼

X  

MAX9100ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9100ESA
Description  1.0V Micropower SOT23 Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9100ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9100ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9100ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
+1.0V Micropower SOT23 Comparators
6
_______________________________________________________________________________________
Detailed Description
The MAX9100/MAX9101 are low-power and ultra-low
single-supply voltage comparators. They have an oper-
ating supply voltage range between +1.0V to +5.5V
and consume only 5µA of quiescent supply current,
while achieving 4µs propagation delay.
Input Stage Circuitry and
Rail-to-Rail Operation
The devices’ input common-mode range is fully speci-
fied from 0 to (VCC - 0.2V), although full rail-to-rail input
range is possible with degraded performance. These
comparators may operate at any differential input volt-
age within these limits. Input bias current is typically
±5nA if the input voltage is within the specified com-
mon-mode range. Comparator inputs are protected
from overvoltage by internal diodes connected to the
supply rails. As the input voltage exceeds the supply
rails, these diodes become forward biased and begin
to conduct. Consequently, bias currents increase expo-
nentially as the input voltage exceeds the supply rails.
True rail-to-rail input operation is also possible. For
input common-mode voltages from VCC - 0.2V to VCC,
the input bias current will typically increase to 800nA.
Additionally, the supply current will typically increase to
7µA. Otherwise, the device functions as within the
specified common-mode range. See graphs in the
Typical Operating Characteristics.
Output Stage Circuitry
The MAX9100/MAX9101 contain a unique output stage
capable of rail-to-rail operation. Many comparators
consume orders of magnitude more current during
switching than during steady-state operation. However,
with this family of comparators, the supply-current
change during an output transition is extremely small.
The Typical Operating Characteristics graph Supply
Current vs. Output Transition Frequency shows the min-
imal supply-current increase as the output switching
frequency approaches 100kHz. This characteristic
reduces the requirement for power-supply filter capaci-
tors to reduce glitches created by comparator switch-
ing currents. This feature increases battery life in
portable applications.
Push-Pull Output (MAX9100)
The MAX9100 has a push-pull CMOS output. The out-
put stage swings rail-to-rail under no-load conditions.
External load drive capability varies with supply voltage.
SWITCHING CURRENT
OUTPUT RISING
MAX9100 toc16
100mV/div
1mA/div
2
µs/div
5V/div
VOD = 50mV
,
SWITCHING CURRENT,
OUTPUT FALLING
MAX9100 toc17
IN+
ICC
100mV/div
1mA/div
2
µs/div
OUT
5V/div
VOD = 50mV
RESPONSE TO SLOW TRIANGLE WAVEFORM
MAX9100 toc18
5.0ms/div
IN+
OUT
50mV/div
2V/div
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0, TA = +25
°C, unless otherwise noted.)
Pin Description
PIN
SOT23-5
SO-8
NAME
FUNCTION
1
6
OUT
Comparator Output
2
4
GND
Ground
3
3
IN+
Noninverting Input
4
2
IN-
Inverting Input
—
1, 5, 8
N.C.
No Connection
57
VCC
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com