Electronic Components Datasheet Search
  English  ▼

X  

MAX902 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX902
Description  High-Speed, Low-Power Voltage Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX902 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX902 Datasheet HTML 2Page - Maxim Integrated Products MAX902 Datasheet HTML 3Page - Maxim Integrated Products MAX902 Datasheet HTML 4Page - Maxim Integrated Products MAX902 Datasheet HTML 5Page - Maxim Integrated Products MAX902 Datasheet HTML 6Page - Maxim Integrated Products MAX902 Datasheet HTML 7Page - Maxim Integrated Products MAX902 Datasheet HTML 8Page - Maxim Integrated Products MAX902 Datasheet HTML 9Page - Maxim Integrated Products MAX902 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
-1
-2
1
2
20
0
-40 -20
40 60 80 100 120
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
3.0
2.5
2.0
3.5
4.0
20
0
-40 -20
40 60 80 100 120
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.2
0.1
0.4
0.3
0.5
OUTPUT LOW VOLTAGE
(VOL) vs. LOAD CURRENT
LOAD CURRENT (mA)
46
28
10
TA = -55
°C
TA = +125
°C
TA = +25
°C
1.8
1.6
2.4
2.2
2.0
3.0
2.8
2.6
67
45
89
10
ICC SUPPLY CURRENT (PER COMPARATOR)
vs. VCC SUPPLY VOLTAGE
VCC SUPPLY VOLTAGE (V)
TA = +125
°C
TA = +25
°C
TA = -55
°C
VDD = +5V
0
-100
1
0
100
3
4
2
46
0
2
8
101214
IINPUT OVERDRIVE vs.
tpd+ RESPONSE TIME
tpd+ RESPONSE TIME (ns)
INPUT OVERDRIVE (VOD)
25mV
2mV
5mV
0
-100
1
0
100
3
4
2
46
0
2
8
101214
INPUT OVERDRIVE vs.
tpd- RESPONSE TIME
tpd- RESPONSE TIME (ns)
INPUT OVERDRIVE (VOD)
25mV
2mV
5mV
5
7
6
9
8
10
11
13
12
14
-40 -20
0
20 40 60 80 100 120
RESPONSE TIME vs.
TEMPERATURE (5mV OVERDRIVE)
TEMPERATURE (
°C)
tpd+
tpd-
8
7
10
9
11
12
14
13
10
20
30
40
50
60
70
80
RESPONSE TIME vs. LOAD CAPACITANCE
(5mV OVERDRIVE)
LOAD CAPACITANCE (pF)
tpd-
tpd+
RL = 2.4k
Ω
6
____________________________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com