Electronic Components Datasheet Search
  English  ▼

X  

MAX903 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX903
Description  High-Speed, Low-Power Voltage Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX903 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX903 Datasheet HTML 1Page - Maxim Integrated Products MAX903 Datasheet HTML 2Page - Maxim Integrated Products MAX903 Datasheet HTML 3Page - Maxim Integrated Products MAX903 Datasheet HTML 4Page - Maxim Integrated Products MAX903 Datasheet HTML 5Page - Maxim Integrated Products MAX903 Datasheet HTML 6Page - Maxim Integrated Products MAX903 Datasheet HTML 7Page - Maxim Integrated Products MAX903 Datasheet HTML 8Page - Maxim Integrated Products MAX903 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Speed, Low-Power Voltage Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VDD = +5V, LE1–LE4 = logic high, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Analog Supply Voltage (VCC to VEE) ...................................+12V
Digital Supply Voltage (VDD to GND) ....................................+7V
Differential Input Voltage..................(VEE - 0.2V) to (VCC + 0.2V)
Common-Mode Input Voltage..........(VEE - 0.2V) to (VCC + 0.2V)
Latch-Input Voltage (MAX900/MAX902/
MAX903 only) .........................................-0.2V to (VDD + 0.2V)
Output Short-Circuit Duration
To GND.......................................................................Indefinite
To VDD ...............................................................................1min
Internal Power Dissipation................................................500mW
Derate above +100°C ................................................10mW/°C
Operating Temperature Ranges:
MAX900–MAX903_C_ _ .......................................0°C to +70°C
MAX900–MAX903_E_ _ ....................................-40°C to +85°C
Junction Temperature........................................-65°C to +160°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX900A/MAX901A
MAX900B/MAX901B/
MAX902/MAX903
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
VCM = 0
VO = 1.4V
0.5
2.0
1.0
4.0
mV
Input Bias Current
IB
IIN+ or IIN-
3
6
4
10
µA
Input Offset Current
IOS
VCM = 0;
VO = 1.4V
50
250
100
500
nA
Input Voltage Range
VCM
(Note 1)
VEE - 0.1
VCC -
2.25
VEE - 0.1
VCC -
2.25
V
Common-Mode Rejection
Ratio
CMRR
-5V < VCM <
+2.75V,
VO = 1.4V
(Note 2)
50
150
75
250
µV/V
Power-Supply Rejection
Ratio
PSRR
(Note 2)
50
150
100
250
µV/V
Output High Voltage
VOH
VIN > 250mV,
ISRC = 1mA
2.4
3.5
2.4
3.5
V
Output Low Voltage
VOL
VIN > 250mV,
ISINK = 8mA
0.3
0.4
0.3
0.4
V
Latch-Input Voltage High
VLH
(Note 3)
1.4
2.0
1.4
2.0
V
Latch-Input Voltage Low
VLL
(Note 3)
0.8
1.4
0.8
1.4
V
Latch-Input Current High
ILH
VLH = 3.0V
(Note 3)
1
20
1
20
µA
Latch-Input Current Low
ILL
VLL = 0.3V
(Note 3)
1
20
1
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com