Electronic Components Datasheet Search
  English  ▼

X  

MAX9101ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9101ESA
Description  1.0V Micropower SOT23 Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9101ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX9101ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
+1.0V Micropower SOT23 Comparators
leads are long. Minimize signal lead lengths to reduce
stray capacitance between the input and output that
might cause instability.
Typical Application
Logic-Level Translator
3V to 5V
Figure 3 shows an application that converts 3V logic
levels to 5V logic levels. The push-pull output MAX9100
is powered by the +5V supply voltage, and the invert-
ing input is biased to +1.5V with two resistors. This con-
figuration allows a full 5V swing at the output,
maximizing the noise margin of the receiving circuit.
1V to 3V
Figure 4 shows an application that converts 1V logic
levels to 3V logic levels. The MAX9101 is powered by
the +1V supply voltage, and the pullup resistor for the
output is connected to the +3V supply voltage. The
inverting input is biased to +0.5V with two resistors.
Chip Information
TRANSISTOR COUNT: 393
PROCESS: BiCMOS
MAX9100
IN-
232k
100k
5V
LOGIC OUT
OUT
VCC
+5V
GND
3V LOGIC IN
IN+
MAX9101
IN-
100k
100k
3V
LOGIC OUT
OUT
VCC
+1.0V
GND
1V LOGIC IN
IN+
RPULLUP
+3V
Figure 3. MAX9100 Logic-Level Translator
Figure 4. MAX9101 Logic-Level Translator
MAX9100
MAX9101
N.C.
IN-
N.C.
VCC
N.C.
OUT
IN+
GND
SO-8
1
2
3
4
1
8
7
6
5
Pin Configurations (continued)
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2000 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com