Electronic Components Datasheet Search
  English  ▼

X  

SDN136 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDN136
Description  Analog High Speed Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN136 Datasheet(HTML) 1 Page - Solid State Optronic

  SDN136 Datasheet HTML 1Page - Solid State Optronic SDN136 Datasheet HTML 2Page - Solid State Optronic SDN136 Datasheet HTML 3Page - Solid State Optronic SDN136 Datasheet HTML 4Page - Solid State Optronic SDN136 Datasheet HTML 5Page - Solid State Optronic SDN136 Datasheet HTML 6Page - Solid State Optronic SDN136 Datasheet HTML 7Page - Solid State Optronic SDN136 Datasheet HTML 8Page - Solid State Optronic SDN136 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDN136/H/S/TR
Rev 1.10 (08/09/2012)
001511
Page # 1
SDN136
Analog High Speed Optocoupler
1MBd, Photodiode with Transistor Output
Description
The SDN136 is a high speed optocoupler consisting of an
infrared GaAs LED optically coupled through a high
isolation barrier to an integrated high speed transistor and
photodiode.
Separate access to the photodiode and transistor allow
users to reduce base-collector capacitance, enabling much
higher switching speeds. Signals with frequencies of up to
2.0MHz can be switched, giving the SDN136 a much
broader application range than traditional optocouplers.
The SDN136 comes standard in an 8 pin DIP package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
High Speed Logic Ground Isolation
Replace Slower Speed Optocouplers
Line Receivers
Power Transistor Isolation
Pulse Transformer Replacement
Switch Mode Power Supplies
High Voltage Insulation
Ground Isolation – Analog Signals
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..40mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Peak Output Current (Pin 6) …………………………….16mA
Max Emitter-Base Reverse Voltage (Pin 5-7)……………..5V
Max Supply Voltage (Pin 8-5)……………………………..15V
Max Output Voltage (Pin 6-5) ……………………………..15V
Max Base Current (Pin 7)…………………………………5mA
Output Power Dissipation ……………………………..100mW
Ordering Information
Part Number
Description
SDN136
8 pin DIP, (50/Tube)
SDN136-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SDN136-S
8 pin SMD, (50/Tube)
SDN136-STR
8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
TTL Compatible
High Bit Rate: 1Mb/s
Bandwidth: 2.0MHz
Open Collector Output
High Isolation Voltage (5000VRMS)
High Common Mode Interference Immunity
RoHS / Pb-Free / REACH Compliant
Truth Table
(Positive Logic)
LED
VO
ON
LOW
OFF
HIGH
** A 0.1μF bypass Capacitor must be connected between pins 5 & 8
(GND & VCC)
1
2
3
4
6
5
7
8 VCC
VB
VO
Ground
NC
Anode
Cathode
NC
SDN136


Similar Part No. - SDN136

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDN136 SOLIDSTATE-SDN136 Datasheet
468Kb / 11P
TTL Compatible
More results

Similar Description - SDN136

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
Solid State Optronic
SDN135 SSOUSA-SDN135 Datasheet
450Kb / 11P
Analog High Speed Optocoupler
SDN138 SSOUSA-SDN138 Datasheet
455Kb / 11P
Analog High Speed Optocoupler
SDN139 SSOUSA-SDN139 Datasheet
456Kb / 11P
Analog High Speed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K453 AVAGO-ACPL-K453 Datasheet
177Kb / 8P
High Speed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com