Electronic Components Datasheet Search
  English  ▼

X  

SDN138 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDN138
Description  Analog High Speed Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN138 Datasheet(HTML) 2 Page - Solid State Optronic

  SDN138 Datasheet HTML 1Page - Solid State Optronic SDN138 Datasheet HTML 2Page - Solid State Optronic SDN138 Datasheet HTML 3Page - Solid State Optronic SDN138 Datasheet HTML 4Page - Solid State Optronic SDN138 Datasheet HTML 5Page - Solid State Optronic SDN138 Datasheet HTML 6Page - Solid State Optronic SDN138 Datasheet HTML 7Page - Solid State Optronic SDN138 Datasheet HTML 8Page - Solid State Optronic SDN138 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 2
SDN138/H/S/TR
Rev 1.10 (08/10/2012)
001513
SDN138
Analog High Speed Optocoupler
100KBd, Photodiode with Darlington Output
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
Input Forward Voltage
VF
-
1.1
1.7
V
IF = 1.6mA
Input Forward Voltage Temp Coefficient
VF/T
-
-1.9
-
mV/°C
IF = 1.6mA
Input Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Input Capacitance
CIN
-
60
-
pF
f=1MHz, VF=0V
Output Specifications
Current Transfer Ratio
CTR
300
1600
2600
%
IF=1.6mA, VO=0.4V, VCC=4.5V
Logic LOW Output Voltage
VOL
-
0.1
0.4
V
IF=1.6mA, VCC=4.5V, IO=4.8mA
Logic HIGH Output Current
IOH
-
0.05
250
A
IF=0mA, VCC=7V, VO=7V
Logic LOW Supply Current
ICCL
-
0.4
1.5
mA
IF=1.6mA, VO=Open, VCC=18V
Logic HIGH Supply Current
ICCH
-
0.01
10
mA
VE=0.5V, VCC=5.5V, IF=0mA
Switching Specifications, V
CC = 5V (unless otherwise specified)
Propagation Delay Time to
Low Output Level
tPHL
-
1.6
10
S
IF=1.6mA, RL=2.2k
Propagation Delay Time to
High Output Level
tPLH
-
10
35
S
IF=1.6mA, RL=2.2k
Logic HIGH Common Mode Transient
Immunity
|CMH|
1
10
-
V/
S
IF=0mA, |VCM|=10VP-P, RL=2.2k
Logic LOW Common Mode Transient
Immunity
|CML|
1
10
-
V/
S
IF=1.6mA, |VCM|=10VP-P, RL=2.2k
Isolation Specifications
Input-Output Insulation Leakage Current
II-O
-
-
1.0
μA
45% RH, t=5s, VI-O=3kV
Withstand Insulation Test Voltage
VISO
5000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Input-Output Capacitance
CI-O
-
1.0
-
pF
f=1MHz
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com