Electronic Components Datasheet Search
  English  ▼

X  

SDT460 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDT460
Description  Wide Body Photo-Transistor Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT460 Datasheet(HTML) 1 Page - Solid State Optronic

  SDT460 Datasheet HTML 1Page - Solid State Optronic SDT460 Datasheet HTML 2Page - Solid State Optronic SDT460 Datasheet HTML 3Page - Solid State Optronic SDT460 Datasheet HTML 4Page - Solid State Optronic SDT460 Datasheet HTML 5Page - Solid State Optronic SDT460 Datasheet HTML 6Page - Solid State Optronic SDT460 Datasheet HTML 7Page - Solid State Optronic SDT460 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDT460 /TR
Rev 1.00 (05/17/2013)
001575
Page 1 of 8
SDT460
DC Input
70V
Wide Body Photo-Transistor Optocoupler
Description
The SDT460 consists of a phototransistor optically coupled
to a light emitting diode. Optical coupling between the
input IR LED and output phototransistor allows for high
isolation levels while maintaining low-level DC signal
control capability. The SDT460 circuitry is contained in a
wide body (7.5mm) body, giving the device creepage
distances over 8mm.
The SDT460 provides an
exceptionally isolated method of controlling many interface
applications such as telecommunications, industrial control
and instrumentation circuitry.
The SDT460 comes standard in a 4 pin SOP, wide body
package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Office Automation Equipment
Vending Machines
Digital Logic Inputs
Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +110°C
Operating Temperature ……………...………-55 to +150°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………70mW
Total Power Dissipation ……………………………..250mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SDT460
4 pin SOP, (100/Tube)
SDT460-TR
4 pin SOP, Tape and Reel (3000/Reel)
Features
7.5mm Width 4-Pin Small Outline Package
Creepage > 8mm
High Input-to-Output Isolation (5kVRMS MIN)
CTR Range: 50% - 600%
High Collector-Emitter Voltage (VCE = 70V MIN)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTES: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
4
(+) Input
(-) Input
Emitter
Collector
SDT460


Similar Part No. - SDT460

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDT460 SOLIDSTATE-SDT460 Datasheet
472Kb / 8P
7.5mm Width 4-Pin Small Outline Package
More results

Similar Description - SDT460

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N39 SIEMENS-4N39 Datasheet
21Kb / 1P
PHOTO SCR OPTOCOUPLER
IL400 SIEMENS-IL400 Datasheet
21Kb / 1P
PHOTO SCR OPTOCOUPLER
logo
Microsemi Corporation
MXP1152 MICROSEMI-MXP1152 Datasheet
30Kb / 1P
NPN Photo Transistor Hybrid Optocoupler
logo
Solid State Optronic
SDD400 SSOUSA-SDD400 Datasheet
731Kb / 6P
DC Input Photo-Darlington Optocoupler
SDD450 SSOUSA-SDD450 Datasheet
693Kb / 6P
DC Input Photo-Darlington Optocoupler
logo
Central Semiconductor C...
H11C4M CENTRAL-H11C4M Datasheet
213Kb / 2P
PHOTO SCR OPTOCOUPLER
logo
Fairchild Semiconductor
FOD8321R2 FAIRCHILD-FOD8321R2 Datasheet
2Mb / 19P
2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
logo
Solid State Optronic
SDT400-R SSOUSA-SDT400-R Datasheet
610Kb / 10P
Photo-Transistor Optocoupler
SDT1670 SSOUSA-SDT1670 Datasheet
402Kb / 8P
Quad Photo-Transistor Optocoupler
logo
Skyworks Solutions Inc.
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com