Electronic Components Datasheet Search
  English  ▼

X  

SLC1610 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SLC1610
Description  Linear Optocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SLC1610 Datasheet(HTML) 1 Page - Solid State Optronic

  SLC1610 Datasheet HTML 1Page - Solid State Optronic SLC1610 Datasheet HTML 2Page - Solid State Optronic SLC1610 Datasheet HTML 3Page - Solid State Optronic SLC1610 Datasheet HTML 4Page - Solid State Optronic SLC1610 Datasheet HTML 5Page - Solid State Optronic SLC1610 Datasheet HTML 6Page - Solid State Optronic SLC1610 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SLC1610/TR
Rev 2.00 (03/23/2012)
SLC1610
Dual Channel
Linear Optocoupler
Page 1 of 7
Description
The SLC1610 is an advanced linear optocoupler device.
The product takes advantage of highly matched transistors
used for both a Servo Feedback Loop and a Forward
Output Loop. The closely matched transistors provide a
high degree of linearity across a wide range of input signal
variation. These features make the SLC1610 an ideal
product for transformer replacement in many medical,
industrial and power supply isolation circuits. Its small size
makes
the
SLC1610
quite
attractive
for
telecom
applications in which board space is limited.
The SLC1610 comes standard in a 16 SOIC package.
Schematic Diagram
Agency Approvals
UL:
File # E201932
C-UL:
File # E201932
Applications
Power Supply Feedback
Transformer Replacement
Audio Signal Interface
Digital Telephone Isolation
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..40mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………70mW
Total Power Dissipation ……………………………..500mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SLC1610
16 pin SOIC, (46/Tube)
SLC1610-TR
16 pin SOIC, Tape and Reel (1000/Reel)
Features
Two Linear Optocouplers in compact 16 SOIC
package
High servo linearity across temperature
Low input power consumption
High stability
High Isolation Voltage (2500VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
4
16
15
14
13
I1
+ VCC1
+ LED
- LED
I2
+ VCC2
Not Used
Not Used
5
6
7
8
12
11
10
9
I2
+ VCC2
Not Used
Not Used
I1
+ VCC1
+ LED
- LED
SLC1610


Similar Part No. - SLC1610

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SLC1610 SOLIDSTATE-SLC1610 Datasheet
205Kb / 7P
High servo linearity across temperature
More results

Similar Description - SLC1610

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
Linear Optocoupler
logo
IXYS Corporation
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
Single Linear Optocoupler
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
logo
Skyworks Solutions Inc.
OLH7000 SKYWORKS-OLH7000 Datasheet
229Kb / 5P
Hermetic Linear Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com