Electronic Components Datasheet Search
  English  ▼

X  

SM4202 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SM4202
Description  Miniature 4 pin SOP package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM4202 Datasheet(HTML) 1 Page - Solid State Optronic

  SM4202 Datasheet HTML 1Page - Solid State Optronic SM4202 Datasheet HTML 2Page - Solid State Optronic SM4202 Datasheet HTML 3Page - Solid State Optronic SM4202 Datasheet HTML 4Page - Solid State Optronic SM4202 Datasheet HTML 5Page - Solid State Optronic SM4202 Datasheet HTML 6Page - Solid State Optronic SM4202 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SM4202 /TR
Rev 2.00 (11/12/2013)
001702
Page 1 of 7
SM4202
Optically Coupled
MOSFET Driver
w/Discharge Circuit
Description
The SM4202 consists of an input drive LED optically
coupled to a photodiode array output designed to drive
highly capacitive loads, including the gate of a power
MOSFET. The active discharge circuit of the PDA assures
quick discharge of MOSFETs, providing fast turn-off times.
This device can be used in a wide variety of applications for
which high levels of input are required for a MOSFET
output.
The SM4202 comes standard in a miniature 4 pin SOP
package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Isolated means to drive discrete power MOSFETs
Lighting Controls
Process Control Modules
Solid State Relays
Solenoid Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….…..……...………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………70mW
Total Power Dissipation ……………………………..170mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SM4202
4 pin SOP, (100/Tube)
SM4202-TR
4 pin SOP, Tape and Reel (2000/Reel)
Features
Miniature 4 pin SOP package
Built in active discharge circuit for fast turn-off
Fast Turn-On
6V Gate Drive Voltage
High Input-to-Output Isolation (1.5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTES: Suffixes listed above are not included in marking on
device for part number identification
SM4202


Similar Part No. - SM4202

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SM4202 SOLIDSTATE-SM4202 Datasheet
224Kb / 7P
Miniature 4 pin SOP package
More results

Similar Description - SM4202

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
4 PIN SOP PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
logo
Solid State Optronic
M241 SSOUSA-M241 Datasheet
171Kb / 5P
Miniature 4 pin SOP package
MD203 SSOUSA-MD203 Datasheet
210Kb / 7P
Miniature 4 pin SOP package
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
SM4203 SSOUSA-SM4203 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
Miniature 4 pin SOP package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com