Electronic Components Datasheet Search
  English  ▼

X  

SMA4124 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SMA4124
Description  High Load Current (1A MAX Continuous)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMA4124 Datasheet(HTML) 1 Page - Solid State Optronic

  SMA4124 Datasheet HTML 1Page - Solid State Optronic SMA4124 Datasheet HTML 2Page - Solid State Optronic SMA4124 Datasheet HTML 3Page - Solid State Optronic SMA4124 Datasheet HTML 4Page - Solid State Optronic SMA4124 Datasheet HTML 5Page - Solid State Optronic SMA4124 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SMA4124
Rev 1.00 (03/05/2014)
001808
Page 1 of 6
SMA4124
1 Form A
600V / 1A
MOSFET Output Solid State Relay
Description
The SMA4124 is a single-pole, single-throw, normally open
multipurpose solid state relay. The circuit is composed of
an infra-red LED on the input side optically coupled to a
Photo Diode Array which drives back-to-back high voltage
enhancement type DMOS transistors on the output. The
SMA4124 has a high blocking voltage (600V) and is rated
for a continuous load current of 1A. The combination of
high blocking voltage, high load current, and small form
factor make the SMA4124 ideal for electromechanical and
reed relay replacement.
The SMA4124 comes standard in a 4 pin SIP package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E90096
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Reed Relay Replacement
Mechanical Relay Replacement
Medical Equipment
Battery Monitoring
Multiplexers
Test Equipment
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Total Power Dissipation ……………………………..…..1.2W
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SMA4124
4 pin SIP, (25/Tube)
Features
High Blocking Voltage (600V MIN)
High Load Current (1A MAX Continuous)
Low Input Control Current (3mA TYP)
Low On Resistance (1.3Ω TYP)
High Input-to-Output Isolation (4kV)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification


Similar Part No. - SMA4124

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SMA4124 SOLIDSTATE-SMA4124 Datasheet
235Kb / 6P
High Blocking Voltage (600V MIN)
03/05/2014
More results

Similar Description - SMA4124

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
High Continuous Load Current (2.5A MAX)
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
400mA maximum continuous load current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
High Continuous Load Current (3.4A)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
High Load Current (0.5A MAX Continuous)
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Weidmuller
2525150000 WEIDMULLER-2525150000 Datasheet
312Kb / 3P
Primary current: 32 A, Secondary current max.: 1A, Load: 0.2 VA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com