Electronic Components Datasheet Search
  English  ▼

X  

SMB4115 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SMB4115
Description  High Continuous Load Current (3.4A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMB4115 Datasheet(HTML) 1 Page - Solid State Optronic

  SMB4115 Datasheet HTML 1Page - Solid State Optronic SMB4115 Datasheet HTML 2Page - Solid State Optronic SMB4115 Datasheet HTML 3Page - Solid State Optronic SMB4115 Datasheet HTML 4Page - Solid State Optronic SMB4115 Datasheet HTML 5Page - Solid State Optronic SMB4115 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SMB4115 /H
Rev 2.00 (03/05/2014)
001810
Page 1 of 6
SMB4115
1 Form B
60V / 75mΩ
DC MOSFET Output Solid State Relay
Description
The SMB4115 is a DC, single-pole, single-throw, normally
closed solid-state relay in a 4 pin single inline package.
The relay consists of an AlGaAs LED, optically coupled to a
high performance Photo Diode Array (PDA), which in turn
drives one low on-resistance, rugged source-to-source
depletion type DMOS transistor. The SMB4115 has an
extremely low on resistance of 50m
 (TYP) and a very
high continuous load current rating of up to 3.4A. The
combination of low on-resistance, small package outline
and high load current capabilities make the SMB4115 a
unique, unparalleled solid state relay.
The SMB4115 comes standard in a 4 pin SIP package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E90096
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Multiplexers
Meter reading systems
Data Acquisition
Medical Equipment
Battery Monitoring
Home/Safety Security Systems
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Total Power Dissipation ……………………………..…..1.2W
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SMB4115
4 pin SIP, (25/Tube)
SMB4115-H
4 pin SIP, VISO = 5kV, (25/Tube)
Features
Low On Resistance (75m
 MAX)
High Continuous Load Current (3.4A)
Low Input Control Power Consumption (2mA TYP)
High Input-to-Output Isolation (up to 5kV MIN)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification


Similar Part No. - SMB4115

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SMB4115 SOLIDSTATE-SMB4115 Datasheet
228Kb / 6P
Low On Resistance (75mMAX)
More results

Similar Description - SMB4115

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
High Continuous Load Current (2.5A MAX)
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
400mA maximum continuous load current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
High Continuous Load Current (3.4A)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
High Load Current (0.5A MAX Continuous)
SMA4124 SSOUSA-SMA4124 Datasheet
223Kb / 6P
High Load Current (1A MAX Continuous)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com