Electronic Components Datasheet Search
  English  ▼

X  

MAX9152ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9152ESE
Description  800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9152ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9152ESE Datasheet HTML 1Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 2Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 3Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 4Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 5Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 6Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 7Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 8Page - Maxim Integrated Products MAX9152ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
800Mbps LVDS/LVPECL-to-LVDS 2 x 2
Crosspoint Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, NC/RSEL = open for RL = 75
Ω ±1%, NC/RSEL = high for RL = 100Ω ±1%, differential input voltage |VID| =
0.1V to VCC, input voltage (VIN+, VIN-) = 0 to VCC, EN_ = high, SEL0 = low, SEL1 = high, and TA = -40°C to +85°C. Typical values at
VCC = +3.3V, |VID| = 0.2V, input common-mode voltage VCM = 1.2V, TA = +25
°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN_+, IN_-, OUT_+, OUT_- to GND .......................-0.3V to +4.0V
EN_, SEL_, NC/RSEL to GND.....................-0.3V to (VCC + 0.3V)
Short-Circuit Duration (OUT_+, OUT_-) .....................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SO (derate 8.7mW/°C above +70°C)................696mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) .........755mW
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+300°C
ESD Protection
Human Body Model, IN_+, IN_-, OUT_+, OUT_-........... ±7kV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS/LVTTL INPUTS (EN_, SEL_)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input High Current
IIH
VIN = VCC or 2.0V
0
20
µA
Input Low Current
IIL
VIN = 0 or 0.8V
-10
10
µA
NC/RSEL INPUT
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input High Current
IIH
VIN = VCC or 2.0V
0
20
µA
Input Low Current
IIL
VIN = 0 or 0.8V
-10
10
µA
DIFFERENTIAL INPUTS (IN_+, IN_-)
Differential Input High Threshold
VTH
100
mV
Differential Input Low Threshold
VTL
-100
mV
VIN+ = VCC or 0, VIN- = VCC or 0
-1
1
Input Current
IIN+, IIN-
VIN+ = 3.6V or 0, VIN- = 3.6V or 0,
VCC = 0
-1
1
µA
LVDS OUTPUTS (OUT_+, OUT_-)
NC/RSEL = low or open
60
90
118
Differential Output Impedance
(Note 2)
RDIFF
NC/RSEL = high
85
122
155
Ω
RL = 75
Ω, NC/RSEL = open, Figure 1
Differential Output Voltage
VOD
RL = 100
Ω, NC/RSEL = high, Figure 1
280
382
470
mV
RL = 75
Ω, NC/RSEL = open, Figure 1
Change in Magnitude of VOD
Between Complementary Output
States
∆VOD
RL = 100
Ω, NC/RSEL = high, Figure 1
25
mV
RL = 75
Ω, NC/RSEL = open, Figure 1
Offset Common-Mode Voltage
VOS
RL = 100
Ω, NC/RSEL = high, Figure 1
1.150
1.430
V
RL = 75
Ω, NC/RSEL = open, Figure 1
Change in Magnitude of VOS
Between Complementary Output
States
∆VOS
RL = 100
Ω, NC/RSEL = high, Figure 1
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com