Electronic Components Datasheet Search
  English  ▼

X  

SP946 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SP946
Description  Zero-Volt Cross Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP946 Datasheet(HTML) 1 Page - Solid State Optronic

  SP946 Datasheet HTML 1Page - Solid State Optronic SP946 Datasheet HTML 2Page - Solid State Optronic SP946 Datasheet HTML 3Page - Solid State Optronic SP946 Datasheet HTML 4Page - Solid State Optronic SP946 Datasheet HTML 5Page - Solid State Optronic SP946 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SP946 /H/S/TR
Rev 2.00 (11/25/2013)
001773
Page 1 of 6
SP946
Zero Cross
800V / 1.2A
AC Solid State Relay
Description
The SP946 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay. The circuit is
composed of one input IR LED which activates an optically
coupled IC on the output that controls the firing angle of
two back-to-back SCRs.
This circuit assures no false
triggering under most adverse conditions, and a tight zero-
volt switching window not exceeding 5V.
The SP946
provides high peak load voltage (800V+) and high input-to-
output isolation voltage (up to 5kVRMS).
The SP946 comes in a compact 4 pin SIP package, making
it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E90096
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Valve Control
Solenoid Control
Home Appliances
Metering Equipment
Heating Elements
Gas Pump Control Circuitry
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation ………..………………………40mW
Total Power Dissipation ……….……..…………………1.2W
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SP946
4 pin SIP, (25/Tube)
SP946-H
5kVRMS VISO, 4 pin SIP, (25/Tube)
Features
Zero-Volt Cross Switching
High Blocking Voltage (800V MIN)
High Transient Immunity
1.2A Maximum Continuous Current
Low Input Control Current
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
SP946


Similar Part No. - SP946

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SP946 SOLIDSTATE-SP946 Datasheet
188Kb / 6P
Zero-Volt Cross Switching
logo
Solid State Optronic
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
Low Input Control Current
logo
Solid State Inc
SP946-X SOLIDSTATE-SP946-X Datasheet
208Kb / 6P
Zero-Volt Cross Switching
More results

Similar Description - SP946

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
Zero-Volt Cross Switching
S106-X SSOUSA-S106-X_15 Datasheet
441Kb / 8P
Zero-Volt Cross Switching
S108 SSOUSA-S108 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
Zero-Volt Cross Switching
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com