Electronic Components Datasheet Search
  English  ▼

X  

MAX9154EUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9154EUI
Description  Low-Jitter, 800Mbps, 10-Port LVDS Repeaters with 100 ?쪫rive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9154EUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9154EUI Datasheet HTML 1Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 2Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 3Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 4Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 5Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9154EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Jitter, 800Mbps, 10-Port LVDS
Repeaters with 100
Ω Drive
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100
Ω ±1%, differential input voltage |VID| = 0.05V to 1.2V, MAX9153 LVDS input common-mode voltage
VCM = |VID/2| to 2.4V - |VID/2|, MAX9154 LVPECL input voltage range = 0 to VCC, PWRDN = high, TA = -40°C to +85°C, unless other-
wise noted. Typical values are at VCC = +3.3V, |VID| = 0.2V, VCM = 1.2V, TA = +25°C.) (Notes 1 and 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
RIN+, RIN- to GND ................................................-0.3V to +4.0V
PWRDN to GND..........................................-0.3V to (VCC + 0.3V)
DO_+, DO_- to GND..............................................-0.3V to +4.0V
Short-Circuit Duration (DO_+, DO_-) .........................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C above +70°C) .....1026mW
Storage Temperature.........................................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
ESD Protection
Human Body Model (RIN+, RIN-, DO_+, DO_-) ..............±8kV
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL INPUT (PWRDN)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input Current
IIN
PWRDN = high or low
-20
20
µA
DIFFERENTIAL INPUT (RIN+, RIN-)
Differential Input High Threshold
VTH
-3
50
mV
Differential Input Low Threshold
VTL
-50
-3
mV
0.05V
≤ | VID | ≤ 0.6V, PWRDN = high or low
(Figure 1)
-15
-3
15
Input Current (MAX9153)
IRIN+,
IRIN-
0.6V < | VID |
≤ 1.2V, PWRDN = high or low
(Figure 1)
-20
-4
20
µA
0.05V
≤ | VID | ≤ 0.6V, VCC = 0 or open,
PWRDN = 0 or open (Figure 1)
-15
3
15
Power-Off Input Current
(MAX9153)
IRIN+ (OFF),
IRIN- (OFF)
0.6V < | VID |
≤ 1.2V, VCC = 0 or open,
PWRDN = 0 or open (Figure 1)
-20
4
20
µA
PWRDN = high or low (Figure 1)
103
Input Resistor 1 (MAX9153)
RIN1
VCC = 0 or open, PWRDN = 0 or open
(Figure 1)
103
k
Ω
PWRDN = high or low (Figure 1)
154
Input Resistor 2 (MAX9153)
RIN2
VCC = 0 or open, PWRDN = 0 or
open(Figure 1)
154
k
Ω
VRIN+ = 3.6V, VRIN- = 3.6V or 0, PWRDN =
high or low (Figure 2)
-10
3
10
Input Current (MAX9154)
IRIN+,
IRIN-
VRIN+ = 0, VRIN- = 3.6V or 0, PWRDN =
high or low (Figure 2)
-10
±3
10
µA
VRIN+ = 3.6V, VRIN- = 0, VCC = 0 or open,
PWRDN = 0 or open (Figure 2)
-10
3
10
Power-Off Input Current
(MAX9154)
IRIN+ (OFF),
IRIN- (OFF)
VRIN+ = 0, VRIN- = 3.6V, VCC = 0 or open,
PWRDN = 0 or open (Figure 2)
-10
3
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com