Electronic Components Datasheet Search
  English  ▼

X  

105XG2D Datasheet(PDF) 1 Page - HB Electronic Components

Part # 105XG2D
Description  High bright output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

105XG2D Datasheet(HTML) 1 Page - HB Electronic Components

  105XG2D Datasheet HTML 1Page - HB Electronic Components 105XG2D Datasheet HTML 2Page - HB Electronic Components 105XG2D Datasheet HTML 3Page - HB Electronic Components 105XG2D Datasheet HTML 4Page - HB Electronic Components 105XG2D Datasheet HTML 5Page - HB Electronic Components 105XG2D Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:105XG2D
www.ledz.com
1/6
LED SPECIFICATION
2.54
±0.1
10
9.8
0.5
±0.1
Ø Features/特征:
l Single color/单色
l High bright output/高亮度输出
l Low power consumption/低功耗
l High reliability and long life/
可靠性高、寿命长
Ø Descriptions/描述:
l Dice material/芯片材质:InGaN
l Emitting Color/发光颜色:
Super Bright Green/ 高亮度绿色
l Device Outline/产品外形:
φ10mm Round Type/ 10mm 圆形
l Lens Type 胶体颜色:
Green Diffused/ 绿色散射
Ø Directivity/指向特性:
1.
All dimensions are millimeters/单位:mm.
2.
Tolerance is +/-0.20mm unless otherwise noted/
没有标注的公差均为±0.20mm.
Ta=25
°C
IF=20mA
Radiation Angle
30
°
0
90
°
60
°
0.5
0
°
0.5
90
°
1.0
60
°
DIRECTIVITY
1.0
0
°
30
°


Similar Part No. - 105XG2D

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
105XB7D HB-105XB7D Datasheet
115Kb / 6P
LED
105XR2D HB-105XR2D Datasheet
207Kb / 3P
Single color
105XW7D HB-105XW7D Datasheet
97Kb / 4P
LED
105XY8D HB-105XY8D Datasheet
138Kb / 3P
Single color
More results

Similar Description - 105XG2D

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
05W580BBC HB-05W580BBC Datasheet
149Kb / 3P
High bright output
05W580CYC HB-05W580CYC Datasheet
145Kb / 3P
High bright output
05W580ERC HB-05W580ERC Datasheet
71Kb / 3P
High bright output
05W913M4G2C HB-05W913M4G2C Datasheet
86Kb / 3P
High bright output
05W913M4WC HB-05W913M4WC Datasheet
99Kb / 4P
High bright output
05W08EW6C HB-05W08EW6C Datasheet
1Mb / 8P
High bright output
130PG2C HB-130PG2C Datasheet
152Kb / 9P
High bright output
130PWC HB-130PWC Datasheet
1Mb / 11P
High bright output
530AG7C HB-530AG7C Datasheet
73Kb / 3P
High bright output
7511MW2D-B HB-7511MW2D-B Datasheet
374Kb / 7P
High bright output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com