Electronic Components Datasheet Search
  English  ▼

X  

MAX9160AEUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9160AEUI
Description  LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9160AEUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9160AEUI Datasheet HTML 1Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 2Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 3Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 4Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX9160AEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LVDS or LVTTL/LVCMOS Input to
14 LVTTL/LVCMOS Output Clock Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, ENA = ENB = high, RSET = 12k
Ω±1%, differential input voltage IVIDI = 0.05V to 1.2V, input common-mode volt-
age VCM = IVID/2 I to 2.4V - IVID/2 I, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, IVIDI = 0.2V,
VCM = 1.2V, TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +4V
IN+, IN- to GND........................................................-0.3V to +4V
SE_IN, EN_, SEL, RSET, OUT_ to GND ........-0.3V to VCC + 0.3V
Output Short-Circuit Duration (OUT_) (Note 1) ..........Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C above +70°C) .....1024mW
28-Pin TSSOP-EP (derate 23.8mW/°C above +70°C) ..1904mW
32-Pin QFN (derate 21.2mW/°C above +70°C) .........1704mW
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40
°C to +85°C
ESD Protection
Human Body Model (IN+, IN-) .......................................
±16kV
Human Body Model (SE_IN) ............................................
±8kV
Soldering Temperature (10s) ...........................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (SE_IN, ENA, ENB, SEL)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
-0.85
V
Input Current
IIN
VIN = high or low
-20
+20
µA
SE_IN Capacitance (Note 4)
CIN
SE_IN to GND
6.1
pF
LVDS INPUT (IN+, IN-)
Differential Input High Threshold
VTH
50
mV
Differential Input Low Threshold
VTL
-50
mV
0.05V
≤ IVIDI ≤ 0.6V
-15
+15
Input Current
IIN+, IIN-
0.6V < IVIDI
≤ 1.2V
-20
+20
µA
0.05V
≤ IVIDI ≤ 0.6V, VCC = 0V or open
-15
+15
Power-Off Input Current
IIN+(off)
IIN-(off)
0.6V < IVIDI
≤ 1.2V, VCC = 0V or open
-20
+20
µA
Input Resistor 1
RIN1
VCC = 3.6V or 0V, Figure 1
51
100
k
Ω
Input Resistor 2
RIN2
VCC = 3.6V or 0 V, Figure 1
200
341
k
Ω
Input Capacitance (Note 4)
CIN
IN+ or IN- to GND
6.0
pF
OUTPUTS (OUT_)
SEL = high, SE_IN = high, VOUT = 0V
Output Short-Circuit Current
(Note 1)
IOS
SEL = low, VID = 100mV, VOUT = 0V
-115
-30
mA
Output Capacitance (Note 4)
CO
OUT_ to GND
9
pF
IOH = -100µA
VCC -
0.2
IOH = -4mA
2.4
Output High Voltage
VOH
IOH = -8mA
2.1
V
IOH = -100µA
VCC -
0.2
IOH = -4mA
2.4
Fail-Safe Output High Voltage
VOHFS
SEL = low, inputs
open, undriven short,
or undriven parallel
terminated
IOH = -8mA
2.1
V
Note 1: Short one output at a time. Do not exceed the absolute maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com