Electronic Components Datasheet Search
  English  ▼

X  

MAX931 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX931
Description  Ultra Low-Power, Low-Cost Comparators with 2eference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX931 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX931 Datasheet HTML 1Page - Maxim Integrated Products MAX931 Datasheet HTML 2Page - Maxim Integrated Products MAX931 Datasheet HTML 3Page - Maxim Integrated Products MAX931 Datasheet HTML 4Page - Maxim Integrated Products MAX931 Datasheet HTML 5Page - Maxim Integrated Products MAX931 Datasheet HTML 6Page - Maxim Integrated Products MAX931 Datasheet HTML 7Page - Maxim Integrated Products MAX931 Datasheet HTML 8Page - Maxim Integrated Products MAX931 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ultra Low-Power, Low-Cost
Comparators with 2% Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
V+ to V-, V+ to GND, GND to V-................................-0.3V, +12V
Inputs
Current, IN_+, IN_-, HYST...............................................20mA
Voltage, IN_+, IN_-, HYST................(V+ + 0.3V) to (V- – 0.3V)
Outputs
Current, REF....................................................................20mA
Current, OUT_ .................................................................50mA
Voltage, REF ....................................(V+ + 0.3V) to (V- – 0.3V)
Voltage, OUT_ (MAX931/934) .....(V+ + 0.3V) to (GND – 0.3V)
Voltage, OUT_ (MAX932/933)..........(V+ + 0.3V) to (V- – 0.3V)
OUT_ Short-Circuit Duration (V+
≤ 5.5V) ...............Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)..842mW
16-Pin SO (derate 8.70mW/°C above +70°C) ................696mW
Operating Temperature Ranges:
MAX93_C_ _ .......................................................0°C to +70°C
MAX93_E_ _.....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS—5V Operation
(V+ = 5V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
MAX933,
HYST = REF
MIN
TYP
MAX
UNITS
MAX934
V
V-
V+ – 1.3
MAX931,
HYST = REF
5.5
6.5
Supply Current
IN+ = IN- + 100mV
µA
Supply Voltage Range
TA = +25°C, 100pF load
2.5
11
V
MAX932,
HYST = REF
2.5
3.2
Input Offset Voltage
CONDITIONS
±10
mV
TA = +25°C
nA
Input Leakage Current (IN-, IN+)
(Note 1)
±0.01
±5
Input Leakage Current (HYST)
TA = +25°C
±0.02
nA
Input Common-Mode Voltage Range
VCM = 2.5V
Common-Mode Rejection Ratio
IN+ = IN- = 2.5V, C/E temp. ranges
MAX931, MAX932, MAX933
0.1
1.0
mV/V
Power-Supply Rejection Ratio
V- to (V+ – 1.3V)
V+ = 2.5V to 11V
100Hz to 100kHz
0.1
1.0
mV/V
Voltage Noise
MAX931, MAX932, MAX933
Overdrive = 10mV
Overdrive = 100mV
20
µVRMS
Hysteresis Input Voltage Range
REF – 0.05
REF
V
TA = +25°C
12
µs
Response Time
TA = +25°C
4
3.1
4.5
3.1
4.5
C/E temp. ranges
4
C/E temp. ranges
6
C/E temp. ranges
6
C/E temp. ranges
8.5
POWER REQUIREMENTS
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com