Electronic Components Datasheet Search
  English  ▼

X  

AMP Datasheet(PDF) 3 Page - Unisonic Technologies

Part # AMP
Description  2.5W DUAL AUDIO POWER AMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

AMP Datasheet(HTML) 3 Page - Unisonic Technologies

  AMP Datasheet HTML 1Page - Unisonic Technologies AMP Datasheet HTML 2Page - Unisonic Technologies AMP Datasheet HTML 3Page - Unisonic Technologies AMP Datasheet HTML 4Page - Unisonic Technologies AMP Datasheet HTML 5Page - Unisonic Technologies AMP Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2206
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R107-018.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
15
V
Power Dissipation
PD
4 (Note)
W
Operating Temperature
TOPR
-20~+70
°C
Storage Temperature
TSTG
-40~+150
°C
Note: Fin is soldering on the PCB
ELECTRICAL CHARACTERISTICS
(TA=25°C, VCC=9V, f=1Khz, RG=600Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
Operating Supply Voltage
VCC
9
11
V
Quiescent Circuit Current
ICCQ
VI=0,Stereo
40
55
mA
Closed Loop Voltage Gain
GVC
Stereo
VI= -45dBm
43
45
47
dB
Bridge
49
51
53
dB
Output Power
PO
Stereo
RL=4Ω, THD=10%
1.7
2.3
W
RL=8Ω, THD=10%
1.3
W
Bridge
RL=8Ω, THD=10%
4.7
W
Channel Balance
CB
Stereo
-1
0
1
dB
Total Harmonic Distortion
THD
Stereo
RO=250mW, RL=4Ω
0.3
1.5
%
Bridge
0.5
%
Input Resistance
RI
21
30
KΩ
Ripple Rejection Ratio
RR
Stereo, RG=0Ω, VR=150mW, f =100Hz
40
46
dB
Output Noise Voltage
VNO
Stereo, RG=0Ω
0.3
1.0
mW
Stereo, RG=10KΩ
0.5
2.0
mV
Cross Talk
CT
Stereo, RG=10KΩ, VO=0dBm
40
55
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com