Electronic Components Datasheet Search
  English  ▼

X  

CXA1191G-S28-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CXA1191G-S28-R
Description  FM/AM Radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CXA1191G-S28-R Datasheet(HTML) 4 Page - Unisonic Technologies

  CXA1191G-S28-R Datasheet HTML 1Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 2Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 3Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 4Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 5Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 6Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 7Page - Unisonic Technologies CXA1191G-S28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CXA1191
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW- R110-014.C
PIN CONFIGURATIONS(Cont.)
VOLTAGE(V)
VCC=3V
VCC=6V
PIN
DESCRIPTION
SYMBOL
FM
AM
FM
AM
EQUIVALENT CIRCUIT
14
IF output pin of FM and AM,
Connect IF filter
FM/AM
FE OUT
0.36
0.2
0.36
0.2
15
FM and AM bands selection
switch pin.
During GND it becomes AM
and during open it becomes
FM.
BAND
SELECT
0.84
0
0.88
0
15
10K
Vcc
GND
16
Input pin of AM IF
AM IF IN
0
0
0
0
16
2K
17
Input pin of FM IF
FM IF IN
0.34
0
0.88
0
18
NC
0
0
0
0
19
Meter drive circuit
(For tuning indicator)
METER
1.6
1.6
4.5
4.5
19
GND
N
1.25V
20
GND
0
0
0
0
21
AFC pin of W band.
During AM, it determines
time constant of AGC.
AFC/AGC
1.25
1.49
1.25
1.49
22
AFC pin of J band.
During AM, it determines
time constant of AGC.
AFC/AGC
1.25
1.25
1.25
1.25
23
Detection output pin
DET OUT
1.25
1.0
1.25
1.0
22
GND
21
24
Power amplifier input pin
AF IN
0
0
0
0
24
GND
11K
25
Ripple filter
RIPPLE
FILTER
2.71
2.71
5.4
5.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com