Electronic Components Datasheet Search
  English  ▼

X  

LM321 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM321
Description  LOW POWER SINGLE OP AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM321 Datasheet(HTML) 4 Page - Unisonic Technologies

  LM321 Datasheet HTML 1Page - Unisonic Technologies LM321 Datasheet HTML 2Page - Unisonic Technologies LM321 Datasheet HTML 3Page - Unisonic Technologies LM321 Datasheet HTML 4Page - Unisonic Technologies LM321 Datasheet HTML 5Page - Unisonic Technologies LM321 Datasheet HTML 6Page - Unisonic Technologies LM321 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM321
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R104-007.b
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, all limits guaranteed for TA=25˚C, V
+=5V, V−=0V, VO=1.4V.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 1)
TYP
(Note 2)
MAX
(Note 1)
UNIT
Input Offset Voltage
VOS
(Note 3)
2
7
mV
Input Bias Current (Note 4)
IB
45
250
nA
Input Offset Current
IOS
5
50
nA
Input Common-Mode Voltage
Range
VCM
V
+=30V (Note 5)
For CMRR>=50dB
0
V
+ -1.5
V
Large Signal Voltage Gain
AV
(V
+=15V, RL=2kΩ
VO=1.4V~11.4V)
25
100
V/mV
15
V/mV
Power Supply Rejection Ratio
PSRR
RS≤10kΩ, V
+≤5V~30V
65
100
dB
Common Mode Rejection Ratio
CMRR
RS≤10kΩ
65
85
dB
Output Swing
VOL
V
+=5V, RL=10kΩ
5
20
mV
Supply Current, No Load
IS
V
+=5V
0.430
1.15
mA
V
+=30V
0.660
2.85
mA
Output Current Sourcing
ISOURCE
VID=+1V, V
+=15V, VO=2V
20
40
mA
Output Current Sinking
ISINK
VID=-1V, V
+=15V, VO=2V
10
20
mA
VID=-1V, V
+=15V, VO=0.2V
12
100
µA
Output Short Circuit to Ground
(Note 6)
IO
V
+=15V
40
85
mA
Slew Rate
SR
V
+=15V, RL=2kΩ, VIN=0.5~3V,
CL=100pF, Unity Gain
0.4
V/µs
Gain Bandwidth Product
GBW
V
+=30V, f=100kHz, VIN=10mV,
RL=2kΩ, CL=100pF
1
MHz
Phase Margin
φm
60
deg
Total Harmonic Distortion
THD
f=1kHz, AV=20dB, RL=2kΩ,
VO=2VPP, CL=100pF, V
+=30V
0.015
%
Equivalent Input Noise Voltage
en
f=1kHz, RS=100Ω, V
+=30V
40
nV
z
H
Notes: 1. All limits are specified by testing or statistical analysis.
2. Typical values represent the most likely parametric norm.
3. VO 1.4V, RS=0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V~V+ -1.5V) at
25°C.
4. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially
constant, independent of the state of the output so no loading change exists on the input lines.
5. The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3V (at 25°C). The upper end of the common-mode voltage range is V
+-1.5V at 25°C, but either
or both inputs can go to +32V without damage, independent of the magnitude of V
+.
6. Short circuits from the output V
+ can cause excessive heating and eventual destruction. When considering
short circuits to ground the maximum output current is approximately 40mA independent of the magnitude
of V
+. At values of supply voltage in excess of +15V, continuous short circuits can exceed the power
dissipation ratings and cause eventual destruction.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com