Electronic Components Datasheet Search
  English  ▼

X  

MAX951 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX951
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX951 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX951 Datasheet HTML 1Page - Maxim Integrated Products MAX951 Datasheet HTML 2Page - Maxim Integrated Products MAX951 Datasheet HTML 3Page - Maxim Integrated Products MAX951 Datasheet HTML 4Page - Maxim Integrated Products MAX951 Datasheet HTML 5Page - Maxim Integrated Products MAX951 Datasheet HTML 6Page - Maxim Integrated Products MAX951 Datasheet HTML 7Page - Maxim Integrated Products MAX951 Datasheet HTML 8Page - Maxim Integrated Products MAX951 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA = -10°C to +85°C
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.8V to 7V for MAX951/MAX952, VDD = 2.4V to 7V for MAX953/MAX954, VSS = 0V, VCM COMP = 0V for the MAX953/MAX954,
VCM OPAMP = 0V, AMPOUT = (VDD + VSS) / 2, COMPOUT = low, TA = TMIN to TMAX, typical values are at TA = +25°C, unless
otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ....................................................9V
Inputs
Current (AMPIN_, COMPIN_)..........................................20mA
Voltage (AMPIN_, COMPIN_).......(VDD + 0.3V) to (VSS - 0.3V)
Outputs
Current (AMPOUT, COMPOUT)......................................50mA
Current (REF) ..................................................................20mA
Voltage (AMPOUT,
COMPOUT, REF) ..............(VDD + 0.3V) to (VSS - 0.3V)
Short-Circuit Duration (REF, AMPOUT)..................Continuous
Short-Circuit Duration (COMPOUT, VDD to VSS ≤ 7V) ......1min
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges
MAX95_E_A .....................................................-40°C to +85°C
MAX95_MJA ..................................................-55°C to +125°C
Maximum Junction Temperatures
MAX95_E_A .................................................................+150°C
MAX95_MJA.................................................................+175°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
VSS to (VDD - 1.6V), MAX953/MAX954
MAX95_M
TA = +25°C, MAX951/MAX952
MAX95_E
TA = +25°C
MAX95_MJA
MAX95_EPA/ESA
MAX95_EUA (µMAX)
TA = +25°C
MAX953M/MAX954M
MAX95_MJA
MAX95_EUA (µMAX)
MAX953E/MAX954E
MAX951E/MAX952E
MAX951M/MAX952M
MAX95_EPA/ESA
TA = +25°C, MAX953/MAX954
TA = +25°C
CONDITIONS
mV/V
0.1
1
CMRR
Common-Mode Rejection Ratio
V
VSS
VDD -1.6V
CMVR
Common-Mode Range
nA
40
Input Leakage Current
(Note 4)
0.003
5
0.003
0.050
mV
7
Trip Point
(Note 3)
5
17
4
mV
6
VOS
Input Offset Voltage
(Note 2)
14
4
1
3
7
10
11
9
11
13
5
8
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IS
Supply Current
(Note 1)
µA
MAX951/MAX952
MAX953/MAX954
2.4
7.0
V
2.7
7.0
VDD
2.8
7.0
Supply Voltage Range
COMPARATOR
TA = -10°C to +85°C
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com