Electronic Components Datasheet Search
  English  ▼

X  

MAX941C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX941C/D
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX941C/D Datasheet HTML 1Page - Maxim Integrated Products MAX941C/D Datasheet HTML 2Page - Maxim Integrated Products MAX941C/D Datasheet HTML 3Page - Maxim Integrated Products MAX941C/D Datasheet HTML 4Page - Maxim Integrated Products MAX941C/D Datasheet HTML 5Page - Maxim Integrated Products MAX941C/D Datasheet HTML 6Page - Maxim Integrated Products MAX941C/D Datasheet HTML 7Page - Maxim Integrated Products MAX941C/D Datasheet HTML 8Page - Maxim Integrated Products MAX941C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 2.7V to 6.0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C. See Note 14.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Ranges
Supply Voltage V+ to GND ................................................+7V
Differential Input Voltage ..........................-0.3V to (V+ + 0.3V)
Common-Mode Input Voltage ..................-0.3V to (V+ + 0.3V)
–
L
—
A
—
T
—
C
—
H
–
Input (MAX941 only) ....................-0.3V to (V+ + 0.3V)
S
—
H
—
D
—
N
–
Control Input (MAX941 only) .........-0.3V to (V+ + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C)........640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)..800mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
14-Pin CERDIP (derate 9.09mW/°C above +70°C)......727mW
Operating Temperature Ranges
MAX94_C_ _ .......................................................0°C to +70°C
MAX94_E_ _.....................................................-40°C to +85°C
MAX94_MJ _ ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX94_E/M
MAX94_C
(Note 1)
(Note 6)
ISINK = 4mA
ISINK = 400µA
VIN = VOS, VCM = 0V or V+
VIN = VOS, VCM = 0V or
VCM = V+ (Note 4)
ISOURCE = 4mA
ISOURCE = 400µA
CONDITIONS
µA
1
ILEAK
Output Leakage Current
V
0.3
0.4
VOL
Output Low Voltage
0.2
0.4
V
V+ - 0.4 V+ - 0.3
VOH
Output High Voltage
V+ - 0.4 V+ - 0.2
V
-0.2
V+ + 0.2
VCMR
V
2.7
6.0
V+
Positive Supply Voltage
Input Voltage Range
nA
10
100
IOS
Input Offset Current
nA
150
400
IB
Input Bias Current
150
300
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
1
3
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
TA = +25°C
VCM = 0V
or
VCM = V+
(Note 2)
mV
1
4
MAX941EUA/MAX942EUA
4
Input-Referred Trip
Points
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
TA = TMIN
to TMAX
VTRIP
mV
6
MAX941EUA/MAX942EUA
3
Input Offset Voltage
1
2
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
TA = +25°C
TA = TMIN
to TMAX
VOS
mV
5.5
MAX941EUA/MAX942EUA
VCM = 0V
or
VCM = V+
(Note 3)
mV
1
3
MAX941EUA/MAX942EUA
µV/V
80
300
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
(Note 5)
80
800
CMRR
Common-Mode Rejection
Ratio
MAX941EUA/MAX942EUA
µV/V
80
300
MAX94_C_ _, MAX94_EP_,
MAX94_ES_, MAX94_MJ_
2.7V
≤ V+ ≤ 6.0V,
VCM = 0V
80
350
PSRR
Power-Supply Rejection
Ratio
MAX941EUA/MAX942EUA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com