Electronic Components Datasheet Search
  English  ▼

X  

MAX9687 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9687
Description  Dual, Ultra-Fast ECL-Output Comparator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9687 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9687 Datasheet HTML 1Page - Maxim Integrated Products MAX9687 Datasheet HTML 2Page - Maxim Integrated Products MAX9687 Datasheet HTML 3Page - Maxim Integrated Products MAX9687 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dual, Ultra-Fast ECL-Output Comparator
_______________________________________________________________________________________
3
Note 2:
Not tested, guaranteed by design.
Note 3:
VIN = 100mV, VOD = 10mV.
Figure 2. As a high-speed receiver, the MAX9687 is capable of
processing signals in excess of 600MHz. Figure 2 is a 100MHz
example with an input signal level of 14mVRMS.
Figure 1. High-speed receiver application with 50
Ω input and out-
put termination. With this configuration, in which a ground plane and
microstrip PC board was used, the minimum slew rate for clean out-
put switching is 1.6V/µs. For sine-wave inputs, this implies a mini-
mum signal size of 360mVRMS at 500MHz and 90mV at 2MHz.
0V
-0.9V
-1.7V
OUTPUT
INPUT
OUTPUT
500mV/div
INPUT
20mV/div
2ns/div
VIN
-2V
50
Ω
Cf
Rf
50
Ω
50
Ω
50
Ω
LE
SWITCHING CHARACTERISTICS
(VS = ±5V, TA = +25°C, unless otherwise noted.)
1.4
1.9
PARAMETER
SYMBOL
MAX9687C/E
MIN
TYP
MAX
UNITS
TA = +25°C
CONDITIONS
E RMS =
Slew Rate
2f
2
π
TA = 0°C to +70°C
1.6
2.2
1.4
1.9
MAX9687M
MIN
TYP
MAX
1.4
1.9
1.7
2.6
TA = +25°C
1.4
1.9
Input to Output High
(Notes 2, 3)
tpd+
ns
TA = -55°C to +125°C
1.9
2.6
Input to Output Low
(Notes 2, 3)
1.3
1.8
TA = 0°C to +70°C
tpd-
1.4
2.0
1.3
1.8
TA = -55°C to +125°C
ns
TA = +25°C
1.6
2.2
TA = 0°C to +70°C
1.3
1.8
1.5
2.0
1.7
2.6
Latch-Enable to Output Low
(Notes 2, 3)
tpd-(E)
TA = -55°C to +125°C
ns
1.6
1.9
TA = +25°C
1.4
1.8
TA = 0°C to +70°C
Latch-Enable to Output High
(Notes 2, 3)
tpd+(E)
ns
TA = -55°C to +125°C
3.0
2.0
Latch-Enable Pulse Width (Note 2)
0.5
1.0
tpw(E)
Minimum Setup Time
ts
0.5
1.0
3.0
2.0
0.5
1.0
Minimum Hold Time
th
0.5
1.0
ns
__________Applications Information
Layout
Because of the MAX9687’s large gain-bandwidth charac-
teristic, special precautions need to be taken if its high-
speed capabilities are to be used. A PC board with a
ground plane is mandatory. Mount all decoupling capaci-
tors as close to the power-supply pins as possible, and
process the ECL outputs in microstrip fashion, consistent
with the load termination of 50
Ω to 120Ω. For low-imped-
ance applications, microstrip layout at the input may also
be helpful. Pay close attention to the bandwidth of the
decoupling and terminating components. Chip compo-
nents can be used to minimize lead inductance.
Input Slew-Rate Requirement
As with all high-speed comparators, the high gain-
bandwidth product of these devices creates oscillation
problems when the input traverses through the linear
region. For clean switching without oscillation or steps
in the output waveform, the input must meet certain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com