Electronic Components Datasheet Search
  English  ▼

X  

ANT-MAG-B50-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-MAG-B50-RPS
Description  Powerful magnet for reliable attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-MAG-B50-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-MAG-B50-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-MAG-Bxx-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
These magnetic bases are available in 50, 66,
or 85mm diameters, and contain powerful
magnets
suitable
for
semi-permanent
installation on metal surfaces. The base is
covered with a thin protective layer to preserve
finished
surfaces,
such
as
those
on
automobiles, and is fully weatherized to withstand long-term
outdoor exposure. The base is fed by RG-58 coax featuring a
molded strain relief at the point of entry. The threaded mounting
post accepts a wide range of ELE Series elements (not included)
in a variety of styles and frequency ranges.
Rev 07-22-08
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
0.75”
(19.1)
2.60”
(66.0)
0.31”
(7.9)
0.77”
(19.6)
0.39”
(9.9)
B66
3.35”
(85.0)
B85
1.97”
(50.0)
B50
Cable
Length
13.1’
(4.0m)
• Powerful magnet for reliable attachment
• Rubber skin protects attachment surface
• Overmolded cable with strain relief
• Rugged weatherized metal construction
• Attractive and durable black finish
• RP-SMA, TNC, or custom connector
• Cable
RP-SMA:
RG-174
TNC:
RG-58
• Impedance
50 ohms
• ANT-MAG-B50-RPS (with RP-SMA connector)
• ANT-MAG-B50-TNC (with TNC connector)
• ANT-MAG-B66-RPS (with RP-SMA connector)
• ANT-MAG-B66-TNC (with TNC connector)
• ANT-MAG-B85-RPS (with RP-SMA connector)
• ANT-MAG-B85-TNC (with TNC connector)


Similar Part No. - ANT-MAG-B50-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-MAG-B50-RPS LINX-ANT-MAG-B50-RPS Datasheet
199Kb / 1P
Powerful magnet for reliable attachment
10/25/13
More results

Similar Description - ANT-MAG-B50-RPS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3055 SIEMENS-2N3055 Datasheet
83Kb / 4P
NPN TRANSISTOR FOR POWERFUL AF OUTPUT STAGES
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
M21P-2 MEDER-M21P-2 Datasheet
103Kb / 1P
Magnet
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
Powerful Scanning Performance
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
powerful microcontroller
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
powerful microcontroller (uC)
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
powerful microcontroller (uC)
logo
Pepperl+Fuchs Inc.
DM06-05NDFEB PF-DM06-05NDFEB Datasheet
293Kb / 2P
Magnet
DM60-31-15 PF-DM60-31-15 Datasheet
660Kb / 2P
Magnet
logo
Linx Technologies
ANT-MAG-B50-SMA LINX-ANT-MAG-B50-SMA Datasheet
199Kb / 1P
Powerful magnet for reliable attachment
10/25/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com