Electronic Components Datasheet Search
  English  ▼

X  

MAX953C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX953C/D
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX953C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX953C/D Datasheet HTML 4Page - Maxim Integrated Products MAX953C/D Datasheet HTML 5Page - Maxim Integrated Products MAX953C/D Datasheet HTML 6Page - Maxim Integrated Products MAX953C/D Datasheet HTML 7Page - Maxim Integrated Products MAX953C/D Datasheet HTML 8Page - Maxim Integrated Products MAX953C/D Datasheet HTML 9Page - Maxim Integrated Products MAX953C/D Datasheet HTML 10Page - Maxim Integrated Products MAX953C/D Datasheet HTML 11Page - Maxim Integrated Products MAX953C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
by the high input impedance op amp of a MAX951
(Figure 6). The comparator and resistor voltage divider
set an alarm threshold to indicate a fire.
Design and fabrication of the connection from the inter-
mediate plate of the ionization chamber to the nonin-
verting input of the op amp is critical, since the
impedance of this node must be well above 50M
Ω. This
connection must be as short and direct as possible to
prevent charge leakage and 60Hz interference. Where
possible, the grounded outer electrode or chassis of
the ionization chamber should shield this connection to
reduce 60Hz interference. Pay special attention to
board cleaning, to prevent leakage due to ionic com-
pounds such as chlorides, flux, and other contaminants
from the manufacturing process. Where applicable, a
coating of high-purity wax may be used to insulate this
connection and prevent leakage due to surface mois-
ture or an accumulation of dirt.
0.084"
(2.134mm)
0.058"
(1.473mm)
VDD
VSS
COMPOUT
REF(COMPIN-)
COMPIN+
AMPIN+
( ) ARE FOR MAX953/MAX954
AMPIN-
AMPOUT
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
______________Ordering Information
___________________Chip Topography
PART
MAX951C/D
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
* Dice are tested at TA = +25°C, DC parameters only.
** Contact factory for availability and processing to MIL-STD-883.
TRANSISTOR COUNT: 163
SUBSTRATE CONNECTED TO VDD
3
AMPIN+
INPUT
2
5
6
1
8
4
REF
0.1
µF
1.20V
VSS
VCC
R1
R2
1M
COMPOUT
7
MAX951
MAX952
__________Typical Operating Circuit
MAX951EPA
-40°C to +85°C
8 Plastic DIP
MAX951MJA
-55°C to +125°C
8 CERDIP**
MAX951ESA
-40°C to +85°C
8 SO
MAX952C/D
0°C to +70°C
Dice*
MAX952EPA
-40°C to +85°C
8 Plastic DIP
MAX952MJA
-55°C to +125°C
8 CERDIP**
MAX952ESA
-40°C to +85°C
8 SO
MAX953C/D
0°C to +70°C
MAX954C/D
0°C to +70°C
Dice*
MAX953EPA
-40°C to +85°C
8 Plastic DIP
MAX953MJA
-55°C to +125°C
8 CERDIP**
Dice*
MAX954EPA
-40°C to +85°C
8 Plastic DIP
MAX954MJA
-55°C to +125°C
8 CERDIP**
MAX954ESA
-40°C to +85°C
8 SO
MAX953ESA
-40°C to +85°C
8 SO
MAX951EUA
-40°C to +85°C
8 µMAX
MAX952EUA
-40°C to +85°C
8 µMAX
MAX953EUA
-40°C to +85°C
8 µMAX
MAX954EUA
-40°C to +85°C
8 µMAX
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com