Electronic Components Datasheet Search
  English  ▼

X  

CHA2080-98F Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2080-98F
Description  71-86GHz Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2080-98F Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2080-98F Datasheet HTML 1Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHA2080-98F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHA2080-98F
71-86GHz Low Noise Amplifier
Ref. : DSCHA20802355 - 20 Dec 12
2/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.=+25°C, Vd=+3.5V, Id=75mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Frequency range
71
86
GHz
Gain*
Linear Gain
22
dB
∆Gain(Fop)
Gain variation:
Low Band [71-76 GHz]
High Band [81-86 GHz]
±0.2
±0.8
dB
dB
Dyn_Gain
Gain Dynamic with VGx [-3; -2V]
12
dB
NF*
Noise Figure@ nominal gain
Low Band [71-76 GHz]
High Band [81-86 GHz]
4
3.5
dB
dB
Pout@1dB
comp.*
Output power at 1 dB compression
Low Band [71-76 GHz]
High Band [81-86 GHz]
12
10
dBm
dBm
VSWR_in*
VSWR at input port
2:1
VSWR_out*
VSWR at output port
2:1
VG12 & VG34
Negative supply voltage
-2
V
Ig
Negative supply current
0.6
mA
Id
Positive supply current
75
mA
*Nominal conditions: VG12=VG34 are tuned to obtain Id=75mA (#-2V)
These values are representative of on-wafer measurements that are made without bonding
wires at the RF ports.
A ribbon (75 µm wide) connection at the input and the output of the MMIC amplifier (see
chapter recommended chip assembly) could improve the results.
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4
V
Id
Drain bias current
95
mA
Vg
Gate bias voltage
-3 to +0.4
V
Pin
Maximum peak input power overdrive
(2)
+0
dBm
Tj
Junction temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com