Electronic Components Datasheet Search
  English  ▼

X  

CHA2091 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2091
Description  36-40GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2091 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2091 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2091 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHA2091
36-40GHz Low Noise Amplifier
Ref. DSCHA20917150 - 30 May 07.
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C,
Bias Conditions: Vd = +4V Id=45mA
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
40
Ghz
G
Gain (1)
12
14
dB
∆G
Gain flatness (1)
± 0.5
± 1.0
dB
NF
Noise figure (1)
2.5
3.5
dB
VSWRin
Input VSWR (1)
3.0:1
VSWRout
Ouput VSWR (1)
3.0:1
IP3
3rd order intercept point
20
dBm
P1dB
Output power at 1dB gain compression
12
dBm
Id
Drain bias current
45
mA
(1) These values are representative of on-wafer measurements that are made without
bonding wires at the RF ports.When the chip is attached with typical 0.15nH input and
output bonding wires, the indicated parameters should be improved.
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.0
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com