Electronic Components Datasheet Search
  English  ▼

X  

CHA2092B Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2092B
Description  18-32GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2092B Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2092B Datasheet HTML 1Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 2Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 3Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 4Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 5Page - United Monolithic Semiconductors CHA2092B Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHA2092b
18-32GHz Low Noise Amplifier
Ref. : DSCHA20921233 21-August-01
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vds = 3.5V; Ids=60mA
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
20
28
18
32
GHz
G
Small signal gain (1)
18
22
17
22
dB
∆G
Small signal gain flatness (1)
±1.5
±2.5
dB
∆Gsb
Gain flatness over 40MHz
0.5
0.5
dBpp
Is
Reverse isolation (1)
25
30
25
30
dB
P1dB
Output power at 1dB gain compression (3)
8
10
8
10
dBm
VSWRin
Input VSWR (1)
2.5:1
3.0:1
2.5:1
3.5:1
VSWRout
Output VSWR (1)
2.5:1
3.0:1
2.5:1
3.5:1
NF
18-20GHz
Noise figure (2)
20-28GHz
28-32GHz
2.5
3.5
2.5
2.5
2.5
4
3.5
3.5
dB
Vd
DC Voltage
Vd
Vgs1,Vgs2&3
3.5
-0.5
4.5
3.5
-0.5
4.5
V
V
Id
Bias current (2)
60
100
60
100
mA
(1)These values are representative of on-wafer measurements that are made without bonding
wires at the RF ports.
(2) 60 mA is the typical bias current used for on wafer measurements, with Vgs1 and Vgs2&3
connected together. For optimum noise figure, the bias current could be reduced down to
50 mA, adjusting the Vgs1 voltage.
(3) Ids=90mA
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5.0
V
Id
Drain bias current
120
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com