Electronic Components Datasheet Search
  English  ▼

X  

TDM3021 Datasheet(PDF) 2 Page - Solid State Optronic

Part # TDM3021
Description  Ultra Miniature 4-Pin Small Outline Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TDM3021 Datasheet(HTML) 2 Page - Solid State Optronic

  TDM3021 Datasheet HTML 1Page - Solid State Optronic TDM3021 Datasheet HTML 2Page - Solid State Optronic TDM3021 Datasheet HTML 3Page - Solid State Optronic TDM3021 Datasheet HTML 4Page - Solid State Optronic TDM3021 Datasheet HTML 5Page - Solid State Optronic TDM3021 Datasheet HTML 6Page - Solid State Optronic TDM3021 Datasheet HTML 7Page - Solid State Optronic TDM3021 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
TDM3021 /TR
Rev 2.00 (11/12/2013)
001683
TDM3021
Random Phase Switching
400V
Triac Driver
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.4
1.8
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Reverse Leakage Current
IInRleak
-
-
10
A
VR = 5μA
Trigger Current
1
IFT
-
-
15
mA
Main Terminal Voltage = 3V
Output Specifications
Blocking Voltage
VDRM
400
-
-
V
IO = 1A
Peak Blocking Current
IDRM1
-
10
100
nA
VDRM = 400
Continuous Load Current
IO
-
-
70
mA
IF = 15mA
On-State Voltage
VON
-
2
3
V
IF = 15mA, ITM = 70mA
Leakage Current
IDRM2
-
0.2
1
A
IF=0mA, VDRM = 400V
Holding Current
IHOLD
-
250
-
A
-
Critical Rate of Rise
2
dV/dt
1,000
1,500
-
V/
S
-
Isolation Specifications
Isolation Voltage
VISO
3,750
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Note 1:
Resistive load. For inductive loads, higher drive current is recommended
Note 2:
This is for static dV/dt. Test Circuit Below
Electrical Characteristics, TA = 25°C (unless otherwise specified)
TDM3021 Static dV/dt Test Circuit:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com