Electronic Components Datasheet Search
  English  ▼

X  

CHA2097A Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA2097A
Description  20-40GHz Variable Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2097A Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA2097A Datasheet HTML 1Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 2Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 3Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 4Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 5Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 6Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 7Page - United Monolithic Semiconductors CHA2097A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
20-40GHz Variable Gain Amplifier
CHA2097a
Ref. : DSCHA20978021-21 Jan 08
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Bias Tuning
The circuit schematic is given below:
Attenuator
IN
OUT
Vd2,3
Vg 3
Vg1
Vd1
Vg 2
Vctrl
For gain control operation, the three drain biases are connected altogether. In a same way, all the gate
biases are connected together at the same power supply, tuned to drive a small signal operating
current of 140mA. A separate access to the gate voltages of each stage (Vg1, 2, 3) is provided for fine
tuning of the stages regarding the application.
An additional pad is provided (Vctrl) to control the gain of the circuit, driving two cold transistors in
attenuator arrangement.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com