Electronic Components Datasheet Search
  English  ▼

X  

CHA2159 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2159
Description  55-65GHz Low Noise / Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2159 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2159 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2159 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2159 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2159 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2159 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2159 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA2159
RoHS COMPLIANT
Ref. : DSCHA21597262 - 19 Sep 07
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
55-65GHz Low Noise / Medium Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2159 is a four - stage low noise and
medium power amplifier. It is designed for a wide
range
of
applications,
from
military
to
commercial
communication
systems. The
backside of the chip is both RF and DC
grounded. This simplifies the assembly process.
The circuit is manufactured with a pHEMT
process, 0.15µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is supplied in chip form.
Main Features
■ 4.0 dB noise figure
■ 20 dB gain
■ 14 dBm output power (-1dB gain comp.)
■ DC power consumption, 115mA @ 3.5V
■ Chip size: 2.35 x 1.11 x 0.10 mm
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
55
60
65
Frequency (GHz)
dBS11
dBS21
dBS22
NF Typ.
Typical on Wafer Measurements
Main Characteristics
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
55
65
GHz
G
Small signal gain
18
20
dB
NF
Noise figure
4.0
4.8
dB
P1dB
Output power at 1dB gain compression
13
14
dBm
Id
Bias current
115
150
mA
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!


Similar Part No. - CHA2159

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
More results

Similar Description - CHA2159

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
MPC-P09828 UMS-MPC-P09828 Datasheet
128Kb / 6P
55-65GHz Single Side Band Mixer
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
logo
American Accurate Compo...
JXWBLA-T-1000-10000-30 AAC-JXWBLA-T-1000-10000-30 Datasheet
37Kb / 1P
Low Noise Medium Power Amplifier
logo
United Monolithic Semic...
CHM1298-99F UMS-CHM1298-99F Datasheet
261Kb / 6P
55-65GHz Single Side Band Mixer
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
55-60GHz Low Noise / Medium Power Amplifier
CHM1298-99F UMS-CHM1298-99F_15 Datasheet
261Kb / 6P
55-65GHz Single Side Band Mixer
logo
Microsemi Corporation
MMA034AA MICROSEMI-MMA034AA Datasheet
532Kb / 6P
DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
Rev C
MMA036AA MICROSEMI-MMA036AA Datasheet
504Kb / 7P
DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX
RevD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com