Electronic Components Datasheet Search
  English  ▼

X  

CHA2193 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2193
Description  20-30GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2193 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2193 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2193 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA2193
20-30GHz Low Noise Amplifier
Ref. : DSCHA21939042-11 Feb 99
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Narrowband Operation
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
24
26
GHz
G
Small signal gain (1)
16
18
dB
∆G
Small signal gain flatness (1)
±0.5
dB
Is
Reverse isolation (1)
25
30
dB
NF
Noise figure
2.0
2.5
dB
P1dB
CW output power at 1dB compression (1)
6
8
dBm
VSWRin
Input VSWR (1)
1.8:1
2.0:1
VSWRout
Output VSWR (1)
1.8:1
2.0:1
Vd
DC Voltage
3.5
4
V
Id
Bias current
60
100
mA
(1) These values are representative for CW on-wafer measurements that are made without
bonding wires at the RF ports.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.0
V
Id
Drain bias current
120
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com