Electronic Components Datasheet Search
  English  ▼

X  

CHA2194 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2194
Description  36-44GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2194 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2194 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHA2194
36-44GHz Low Noise Amplifier
Ref : DSCHA21942035 -04-Feb.-02
2/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, Vd = +3,5V (On wafer)
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
44
Ghz
G
Gain (1)
17
19
dB
∆G
Gain flatness (1)
± 0.5
± 1
dB
NF
Noise figure (1) (freq: 36-40 GHz)
3
4
dB
VSWRin
Input VSWR (1)
2.5:1
3.0:1
VSWRout
Ouput VSWR (1)
2:5:1
3.0:1
IP3
3rd order intercept point
20
dBm
P1dB
Output power at 1dB gain compression
8
10
dBm
Id
Drain bias current (2)
45
75
mA
(1)These values are representative of wafer measurements without bonding wire at the RF ports.
(2) This current is the typical value for low noise and low current consumption biasing:
Vd=3.5V, Vg12 and Vg3 not connected.
Absolute Maximum Ratings (3)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Vg
Id
Drain bias voltage (5)
Vg12 and Vg3 max
Drain current
4
+1
75
V
V
mA
Pin
Maximum peak input power overdrive (4)
15
dBm
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(3) Operation of this device above anyone of these paramaters may cause permanent damage.
(4) Duration < 1s.
(5) See chip biasing options page 9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com