Electronic Components Datasheet Search
  English  ▼

X  

CHA2292 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2292
Description  16-24GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2292 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2292 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA2292
16-24GHz LNA VGA
Ref. DSCHA22927150 - 20 May 07
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
In jig Measurements
Bias Conditions:
V5=Vd2, 3, 4=5V, Vg1=Vg=-0.3V, Vc=+1.2V
All these measurements include the jig losses (about 0.5dB on gain, 0.2dB on noise figure
and 0.3dB on output power).
Gain & Output power @ 18-20 GHz
Gain & Output power @ 22–24 GHz
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
-30
-25
-20
-15
-10
Input power (dBm)
Gain (dB)
Pout (dBm)
18GHz
20GHz
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
-30
-25
-20
-15
-10
Input power (dBm)
Gain (dB)
Pout (dBm)
22GHz
24GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com