Electronic Components Datasheet Search
  English  ▼

X  

MAX995 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX995
Description  High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX995 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX995 Datasheet HTML 1Page - Maxim Integrated Products MAX995 Datasheet HTML 2Page - Maxim Integrated Products MAX995 Datasheet HTML 3Page - Maxim Integrated Products MAX995 Datasheet HTML 4Page - Maxim Integrated Products MAX995 Datasheet HTML 5Page - Maxim Integrated Products MAX995 Datasheet HTML 6Page - Maxim Integrated Products MAX995 Datasheet HTML 7Page - Maxim Integrated Products MAX995 Datasheet HTML 8Page - Maxim Integrated Products MAX995 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, VEE = 0V, VCM = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 5.0V
ns
40
tRISE
OUT Rise Time
(MAX987/MAX991/
MAX995 only)
20
15
µs
25
tPU
Power-Up Time
ns
VCC = 5.0V
40
tFALL
OUT Fall Time
20
15
120
210
100mV overdrive
100mV overdrive
CL = 15pF,
VCC = 5V
120
tPD+
Propagation Delay
210
ns
210
tPD-
120
MAX987/MAX991/
MAX995 only
10mV overdrive
100mV overdrive
MAX987/MAX991/MAX995
only, CL = 15pF, VCC = 5V
10mV overdrive
10mV overdrive
CL = 15pF
CL = 50pF
CL = 200pF
CL = 15pF
CL = 50pF
CL = 200pF
MAX988/MAX992/
MAX996 only,
RPULL-UP = 5.1kΩ
Note 1: The MAX98 _EUK specifications are 100% tested at TA = +25°C. Limits over the extended temperature range are guaran-
teed by design, not production tested.
Note 2: Inferred from the VOS test. Either or both inputs can be driven 0.3V beyond either supply rail without output phase reversal.
Note 3: VOS is defined as the center of the hysteresis band at the input.
Note 4: IB is defined as the average of the two input bias currents (IB-, IB+).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com