Electronic Components Datasheet Search
  English  ▼

X  

LED-530LB5C Datasheet(PDF) 9 Page - HB Electronic Components

Part # LED-530LB5C
Description  Single color
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LED-530LB5C Datasheet(HTML) 9 Page - HB Electronic Components

  LED-530LB5C Datasheet HTML 1Page - HB Electronic Components LED-530LB5C Datasheet HTML 2Page - HB Electronic Components LED-530LB5C Datasheet HTML 3Page - HB Electronic Components LED-530LB5C Datasheet HTML 4Page - HB Electronic Components LED-530LB5C Datasheet HTML 5Page - HB Electronic Components LED-530LB5C Datasheet HTML 6Page - HB Electronic Components LED-530LB5C Datasheet HTML 7Page - HB Electronic Components LED-530LB5C Datasheet HTML 8Page - HB Electronic Components LED-530LB5C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Experiment Item:
Test Condition
Item
Lamp & IR
Reference Standard
OPERATION LIFE
Ta
25 5
IF= 20mA
RH
=60%RH
DYNAMIC:100mA 1ms 1/10 duty
STATIC STATE: IF
20mA
TEST TIME:
168HRS
-24HRS
+24HRS
500HRS
-24HRS
+24HRS
1000HRS
-24HRS
+72HRS
MIL-STD-750
1026
MIL-STD-883
1005
JIS
C
7021
B-1
HIGH
TEMPERATURE
HIGH HUMIDITY
STORAGE
Ta
65
5
RH
90
95%RH
TEST
TIME
240HRS 2HRS
MIL-STD-202
103B
JIS
C
7021
B-1
TEMPERATURE
CYCLING
105
25
-55
25
30min
5min
30min
5min
10CYCLES
MIL-STD-202 107D
MIL-STD-750
1051
MIL-STD-883
1010
JIS
C
7021
A-4
THERMAL SHOCK
105
5
-55
5
10min
10min
10CYCLES
MIL-STD-202 107D
MIL-STD-750
1051
MIL-SYD-883
1011
SOLDER
RESISTANCE
T
sol
260
5
DWELL
TIME
10 lsec
MIL-STD-202
210A
MIL-STD-750-2031
JIS
C
7021
A-1
SOLDERABILITY
T
sol
230
5
DWELL
TIME
5 lsec
MIL-STD-202 208D
MIL-STD-750
2026
MIL-STD-883
2003
JIS
C
7021
A-2
Page : 9
LED
LAMP PASSED TESTS
Drive Method
Circuit model A
Circuit model B
(A)Recommended circuit.
(B)The difference of brightness between LED`s could be found due to the Vf-If characteristics of LED.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com