Electronic Components Datasheet Search
  English  ▼

X  

PLCC2XW6 Datasheet(PDF) 9 Page - HB Electronic Components

Part # PLCC2XW6
Description  Package dimensions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC2XW6 Datasheet(HTML) 9 Page - HB Electronic Components

Back Button PLCC2XW6 Datasheet HTML 4Page - HB Electronic Components PLCC2XW6 Datasheet HTML 5Page - HB Electronic Components PLCC2XW6 Datasheet HTML 6Page - HB Electronic Components PLCC2XW6 Datasheet HTML 7Page - HB Electronic Components PLCC2XW6 Datasheet HTML 8Page - HB Electronic Components PLCC2XW6 Datasheet HTML 9Page - HB Electronic Components PLCC2XW6 Datasheet HTML 10Page - HB Electronic Components PLCC2XW6 Datasheet HTML 11Page - HB Electronic Components PLCC2XW6 Datasheet HTML 12Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Data Sheet
Top View LED
Prepared date:Feb. 2011
Rev.:2
Page 9 of 12
◆
Typical Electro-Optical Characteristics Curves:
Relative Luminous Intensity vs. Ambient Temperature
Relative Luminous Intensity vs.Radiation Angle
0%
Ta( ℃)
Maximum Forward Current vs.Ambient Temperature
60
20
0
0
40
100
80
90°
60°
Relative Luminous Intensity vs. Wavelength
40
10
20
30
If(mA)
50
60
450
400
0.0
0.2
500
0.4
0.6
0.8
1.0
50%
100%
600
550
WL(nm)
650
0.1
0.2
-40
-20
-10
0
0.5
1.0
2.0
90°
30°
0%
50%
100%
40°
0°
20°
10°
30°
70°
80°
60°
50°
Ta( ℃)
40
20
10
30
80
60
100
Relative Luminous Intensity vs. Forward Current
Forward Current vs. Forward Voltage
2.4
2.8
3.2
0
10
20
30
40
50
If(mA)
3.6
4.0
4.4
Vf(V)
20
0
0.0
2.0
1.0
3.0
4.0
5.0
If(mA)
40
80
60
100
Hebei I.T. (Shanghai) Co., Ltd.
www.ledz.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com