Electronic Components Datasheet Search
  English  ▼

X  

PA3112L-SM2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3112L-SM2-R
Description  DUAL 150mW AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3112L-SM2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3112L-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA3112L-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PA3112
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-100,B
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
4
BYPASS
I
Connect to internal voltage divider. For best performance, a 0.1 μF ~ 1 μF
low ESR capacitor used.
5
GND
I
Ground
2
IN1-
I
Channel 1 negative input.
3
IN1+
I
Channel 1 positive input.
8
IN2-
I
Channel 2 negative input.
7
IN2+
I
Channel 2 positive input.
6
SHUTDOWN
I
Low quiescent current mode enable. High active.
10
VDD
I
Supply voltage.
1
VOUT1
O
Channel 1 audio output.
9
VOUT2
O
Channel 2 audio output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com