Electronic Components Datasheet Search
  English  ▼

X  

PA3212-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3212-N24-R
Description  2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3212-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3212-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3212-N24-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3212
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-310.A
2.6W STEREO AUDIO
AMPLIFIER WITH FOUR
SELECTABLE GAIN SETTINGS
AND MUX CONTROL
DESCRIPTION
As operating on a single 5V supply, the UTC PA3212 is
capable of delivering 2.6W of output power per channel into 3Ω
loads. In Bridge-Tied Load (BTL) mode the UTC PA3212 has less
than 1% THD+N, and it also has less than 0.65% THD+N across
its specified frequency range when driving 1 W into 8-Ω speakers.
Way of two terminals (GAIN0 and GAIN1) can configure and
control the amplifier gain. It also provides BTL gain settings of 2,
6, 12 and 24 V/V.
Other features included that the SHDN mode is provided to
disable UTC PA3212 for the low current consumption applications
and the current consumption can be reduced to typically 150µA.
FEATURES
* Output power at 0.65% THD+N, VDD=5V(TYP)
–2.6W/CH (typical) into a 3Ω load
–1.0W/CH (typical) into a 8Ω load
* Bridge-tied load (BTL) supported
* Gain control internally
* Differential Input fully
* Depop circuitry Inside
* Shutdown protection
* Stereo input
Lead-free:
PA3212L
Halogen-free: PA3212G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
PA3212-N24-R
PA3212L-N24-R
PA3212G-N24-R
HTSSOP-24
Tape Reel
PA3212-N24-T
PA3212L-N24-T
PA3212G-N24-T
HTSSOP-24
Tube


Similar Part No. - PA3212-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3212-N24-R UTC-PA3212-N24-R Datasheet
485Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Similar Description - PA3212-N24-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0112 TI-TPA0112 Datasheet
488Kb / 34P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0122 TI-TPA0122 Datasheet
534Kb / 34P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA5312 EUTECH-EUA5312 Datasheet
509Kb / 18P
2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
PA3312 UTC-PA3312 Datasheet
238Kb / 10P
DUAL 2.6W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com