| Electronic Components Datasheet Search |
|
MXD1013C/D Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MXD1013C/D Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 6 page ![]() 3-in-1 Silicon Delay Line 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = +5.0V ±5%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)(Note 1) TIMING CHARACTERISTICS (VCC = +5.0V ±5%, TA = +25°C, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 1: Specifications to -40°C are guaranteed by design, not production tested. Note 2: All voltages referenced to GND. Note 3: Measured with outputs open. Note 4: Guaranteed by design. Note 5: Pulse width and/or period specifications may be exceeded, but accuracy is application sensitive (i.e., layout, decoupling, etc.). Note 6: VCC = +5V at +25°C. Typical delays are accurate on both rising and falling edges within ±2ns for delays from 10ns to 60ns, within ±3% for delays from 70ns to 100ns, and within ±5% for delays from 150ns to 200ns. Note 7: The Part Number and Delay Times table provides typical delays at +25°C with VCC = +5V. The delays may shift with tem- perature and supply variations. The combination of temperature (from +25°C to 0°C, or +25°C to +70°C) and supply varia- tion (from 5V to 4.75V, or 5V to 5.25V) could produce an additional typical delay of ±1.5ns or ±3%, whichever is greater. Note 8: All output delays tend to vary unidirectionally with temperature or supply voltage variations (i.e., if OUT1 slows down, all other outputs also slow down). VCC to GND ..............................................................-0.5V to +6V All Other Pins..............................................-0.5V to (VCC + 0.5V) Short-Circuit Output Current (1sec) ....................................50mA Continuous Power Dissipation (TA = +70°C) 8-Pin Plastic DIP (derate 9.1mW/°C above +70°C) .......727mW 14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ...800mW 8-Pin SO (derate 5.9mW/°C above +70°C)....................471mW 16-Pin Narrow SO (derate 8.7mW/°C above +70°C) .....696mW 8-Pin µMAX (derate 4.1mW/°C above +70°C) ...............330mW Operating Temperature Range ...........................-40°C to +85°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10sec) .............................+300°C (Note 2) (Note 2) (Note 2) TA = +25°C (Note 4) 0V ≤ VIN ≤ VCC VCC = 5.25V, period = minimum (Note 3) VCC = 4.75V, VOH = 4.0V VCC = 4.75V, VOL = 0.5V CONDITIONS V 0.8 VIL Input Voltage Low V 2.2 VIH V 4.75 5.00 5.25 VCC Supply Voltage Input Voltage High pF 5 10 CIN Input Capacitance µA -1 1 IL Input Leakage Current mA 20 70 ICC Active Current mA -1 IOH Output Current High mA 12 IOL Output Current Low UNITS MIN TYP MAX SYMBOL PARAMETER (Notes 6, 7, 8) (Notes 6, 7, 8) (Note 5) (Note 5) CONDITIONS ns See Part Number and Delay Times table tPHL Input-to-Output Delay (trailing edge) ns See Part Number and Delay Times table tPLH ns 100% of tPLH tWI Input Pulse Width Input-to-Output Delay (leading edge) ms 100 tPU Power-Up Time ns 3(tWI) Period UNITS MIN TYP MAX SYMBOL PARAMETER |