Electronic Components Datasheet Search
  English  ▼

X  

S486L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # S486L-S08-R
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button S486L-S08-R Datasheet HTML 4Page - Unisonic Technologies S486L-S08-R Datasheet HTML 5Page - Unisonic Technologies S486L-S08-R Datasheet HTML 6Page - Unisonic Technologies S486L-S08-R Datasheet HTML 7Page - Unisonic Technologies S486L-S08-R Datasheet HTML 8Page - Unisonic Technologies S486L-S08-R Datasheet HTML 9Page - Unisonic Technologies S486L-S08-R Datasheet HTML 10Page - Unisonic Technologies S486L-S08-R Datasheet HTML 11Page - Unisonic Technologies S486L-S08-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
S486
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 12
www.unisonic.com.tw
QW-R502-074,C
TYPICAL APPLICATION CIRCUIT
BIAS
VCC
CS
1µF
1µF
ZL=32 Ω
ZL=32 Ω
1K
UTC S486=Stdby
COUT2
220µF
1
1K
VCC
8
4
GND
20K
RFEED2
20K
RFEED1
2
5
3
6
20K
RIN1
CB
CIN1
330nF
Right In
Left In
CIN2
330nF
RIN2
20K
Stdby
220µF
Stdby ctrl
Stdby level
threshold=0.9V
COUT1
7
COMPONENTS INFORMATION
Components
Functional Description
RIN1, 2
Inverting input resistor which sets the closed loop gain in conjunction with RFEED. This resistor
also forms a high pass filter with CIN (fc = 1 / (2 xπx RIN x CIN) .
CIN1, 2
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminal.
RFEED1, 2
Feedback resistor which sets the closed loop gain in conjunction with RIN.
AV= Closed Loop Gain= -RFEED/RIN.
CS
Supply Bypass capacitor which provides power supply filtering.
CB
Bypass capacitor which provides half supply filtering.
COUT1, 2
Output coupling capacitor which blocks the DC voltage at the load input terminal.
This capacitor also forms a high pass filter with RL (fc = 1 / (2 xπx RL x COUT)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com