Electronic Components Datasheet Search
  English  ▼

X  

CONMCX002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMCX002
Description  MCX FEMALE RIGHT ANGLE PCB MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMCX002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMCX002 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Socket
Insulation
Gold
Teflon
Gold
Teflon
Brass
BE CU
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
MCX FEMALE RIGHT ANGLE
PCB MOUNT
CONMCX002
1.0
INCHES (mm)
6/5/2006
5-Ø0.05
0.100 0.100
0.200
RECOMMENDED FOOTPRINT
0.370
(9.40)
0.134
(3.40)
Ø0.189
(4.80)
0.217
(5.50)
0.154
(3.90)
0.370
(9.40)
0.165
(4.20)
S0.236
(6.00)
0.035
(0.90)
0.035
(0.90)
S0.236
(6.00)
0.110
(2.80)
SIDE VIEW
BACK VIEW


Similar Part No. - CONMCX002

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONMCX002-SMD LINX-CONMCX002-SMD Datasheet
242Kb / 2P
MCX FEMALE RIGHT ANGLE PCB SURFACE MOUNT
26-FEB-20
More results

Similar Description - CONMCX002

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF11-04-D-00-50-G ADAM-TECH-RF11-04-D-00-50-G Datasheet
72Kb / 1P
MCX FEMALE PCB MOUNT
logo
List of Unclassifed Man...
CONMCX001 ETC2-CONMCX001 Datasheet
139Kb / 1P
MCX FEMALE PCB MOUNT
CONMCX001-SMD ETC2-CONMCX001-SMD Datasheet
139Kb / 1P
MCX FEMALE PCB MOUNT SURFACE MOUNT
CONREVMCX001 ETC2-CONREVMCX001 Datasheet
140Kb / 1P
RP-MCX FEMALE PCB MOUNT
CONREVMCX001-SMD ETC2-CONREVMCX001-SMD Datasheet
143Kb / 1P
RP-MCX FEMALE PCB MOUNT SURFACE MOUNT
logo
Rosenberger Hochfrequen...
29K201-40ML5 ROSENBERGER-29K201-40ML5 Datasheet
54Kb / 2P
MCX RIGHT ANGLE JACK PCB
29K203-40ML5 ROSENBERGER-29K203-40ML5 Datasheet
87Kb / 2P
MCX RIGHT ANGLE JACK PCB
29K203-400L5 ROSENBERGER-29K203-400L5 Datasheet
40Kb / 2P
MCX RIGHT ANGLE JACK PCB
logo
Linx Technologies
CONMCX002-SMD LINX-CONMCX002-SMD Datasheet
242Kb / 2P
MCX FEMALE RIGHT ANGLE PCB SURFACE MOUNT
26-FEB-20
CONMCX001-SMD LINX-CONMCX001-SMD Datasheet
239Kb / 2P
MCX FEMALE PCB MOUNT SURFACE MOUNT
26-JAN-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com