Electronic Components Datasheet Search
  English  ▼

X  

CONMCX012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMCX012
Description  MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMCX012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMCX012 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Pin
Insulation
Gold
Teflon
Gold
Teflon
Brass
Brass
CONNECTOR CITY
575 SE ASHLEY PLACE
GRANTS PASS, OR 97526
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
MCX MALE RIGHT ANGLE
CABLE END CRIMP FOR RG174 CABLE
CONMCX012
1.0
INCHES (mm)
6/8/2006
0.197
(5.00)
0.138
(3.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.031
(0.80)
RG-174 Cable
Crimp Ring
Gold
Brass
Ø0.102
(2.60)
0.197
(5.00)
0.394
(10.00)
Ø0.148
(3.75)
0.339
(8.60)
0.165
(4.20)
BOYD CHUCK
0.3x3.9x5 GROOVE
Snaps
Gold
BE CU
0.035
(0.90)
Ø0.157
(4.00)
COVER
INSULATOR
Ø0.154
(3.90)
0.276
(7.00)
CRIMP RING
Insulator
Teflon
Teflon
Cover
Gold
Brass
0.079
(2.00)
0.035
(0.90)
0.173
(4.40)
0.171
(4.35)
0.197
(5.00)
SIDE VIEW
TOP VIEW


Similar Part No. - CONMCX012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONMCX012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX011 ETC2-CONMCX011 Datasheet
153Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX007 ETC2-CONREVMCX007 Datasheet
159Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX012 ETC2-CONREVMCX012 Datasheet
160Kb / 1P
RP-MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA012 ETC2-CONREVSMA012 Datasheet
262Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONSMA012 ETC2-CONSMA012 Datasheet
259Kb / 1P
SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com