Electronic Components Datasheet Search
  English  ▼

X  

CONN012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONN012
Description  N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONN012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONN012 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
N
MALE RIGHT ANGLE
CABLE END CRIMP FOR RG174 CABLE
Description
Material
Finish
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONN012
1.0
INCHES (mm)
2/20/2008
Body
Nickel
Brass
Pin
Gold
Brass
Crimp Ring
Nickel
Brass
Insulation
N/A
Teflon
0.197
(5.00)
0.295
(7.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.118
(3.00)
RG-174 Cable
0.276
(7.00)
Ø0.154
(3.90)
CRIMP RING
∅0.500
(12.70)
0.213
(5.40)
0.157
(4.00)
COVER
5/8-24UNEF-2B THREADS
SIDE VIEW
0.079
(2.00)
0.787
(20.00)
∅0.106
(2.70)
1.220
(31.00)
0.197
(5.00)
Cover
Nickel
Brass


Similar Part No. - CONN012

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN012-1-W LINX-CONN012-1-W Datasheet
448Kb / 4P
N Plug Right Angle Coaxial Cable Mount Connector
2020
CONN012-R58 LINX-CONN012-R58 Datasheet
253Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results

Similar Description - CONN012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN007 ETC2-CONN007 Datasheet
166Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX012 ETC2-CONREVMCX012 Datasheet
160Kb / 1P
RP-MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA012 ETC2-CONREVSMA012 Datasheet
262Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONSMA012 ETC2-CONSMA012 Datasheet
259Kb / 1P
SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com