Electronic Components Datasheet Search
  English  ▼

X  

1S20 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1S20
Description  1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1S20 Datasheet(HTML) 2 Page - Micro Commercial Components

  1S20 Datasheet HTML 1Page - Micro Commercial Components 1S20 Datasheet HTML 2Page - Micro Commercial Components 1S20 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current Per Leg - Amperes versus
Case Temperature -
°C
Figure 3
Forward Derating Curve
0
150
25
50
75
100
0
7
14
21
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
28
35
42
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics @ TJ = 25°C
10
Amps
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
25
°C
Volts
1S20-1S40
1S50-1SA0
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 2
Typical Forward Characteristics @ TJ = 125°C
10
Amps
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
125
°C
Volts
1S20 -1S40
1S50 -1SA0
1S20 thru 1SA0
MCC
www.mccsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com