Electronic Components Datasheet Search
  English  ▼

X  

2N3906 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 2N3906
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N3906 Datasheet(HTML) 4 Page - Micro Commercial Components

  2N3906 Datasheet HTML 1Page - Micro Commercial Components 2N3906 Datasheet HTML 2Page - Micro Commercial Components 2N3906 Datasheet HTML 3Page - Micro Commercial Components 2N3906 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2N3906
Input Impedance
Output Admittance
hie - (k
Ω)
IC - (mA)
IC - (mA)
hoe - (
µΩ)
VCE = 10V
f = 1.0kHz
VCE = 10V
f = 1.0kHz
0.1
1.0
10
0.1
1.0
10
0.1
1.0
10
10
100
1000
Voltage Feedback Ratio
Turn On and Turn Off Times vs
Collector Current
hfe - (X10
-4)
IC - (mA)
IC - (mA)
T - (ns)
1.0
10
100
0.1
1.0
10
1.0
10
100
1000
1.0
10
100
ton IB1 = IC/10
VBE(OFF) = 0.5V
toff IB1 = IB2 = IC/10
toff
ton
www.mccsemi.com
MCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com