Electronic Components Datasheet Search
  English  ▼

X  

TS5A4596 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A4596
Description  8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A4596 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS5A4596 Datasheet HTML 6Page - Texas Instruments TS5A4596 Datasheet HTML 7Page - Texas Instruments TS5A4596 Datasheet HTML 8Page - Texas Instruments TS5A4596 Datasheet HTML 9Page - Texas Instruments TS5A4596 Datasheet HTML 10Page - Texas Instruments TS5A4596 Datasheet HTML 11Page - Texas Instruments TS5A4596 Datasheet HTML 12Page - Texas Instruments TS5A4596 Datasheet HTML 13Page - Texas Instruments TS5A4596 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TS5A4596
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS181 − FEBRUARY 2005
www.ti.com
10
PARAMETER MEASUREMENT INFORMATION
V+
ICOM
ron +
V
COM * VNO
I
COM
W
GND
Channel ON
NO
VI
COM
VCOM
VI = VIH or VIL
VNO
IN
+
+
Figure 13. ON-State Resistance (ron)
Channel OFF
OFF-State Leakage Current
VI = VIH or VIL
V+
GND
NO
VI
COM
VCOM
VNO
IN
+
+
+
Figure 14. OFF-State Leakage Current (ICOM(OFF), INO(OFF))
Channel ON
ON-State Leakage Current
VI = VIH or VIL
V+
GND
NO
VI
COM
VCOM
VNO
IN
+
+
Figure 15. ON-State Leakage Current (ICOM(ON), INO(ON))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com