Electronic Components Datasheet Search
  English  ▼

X  

2N6515 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2N6515
Description  High Voltage Transistor 625mW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N6515 Datasheet(HTML) 2 Page - Micro Commercial Components

  2N6515 Datasheet HTML 1Page - Micro Commercial Components 2N6515 Datasheet HTML 2Page - Micro Commercial Components 2N6515 Datasheet HTML 3Page - Micro Commercial Components 2N6515 Datasheet HTML 4Page - Micro Commercial Components 2N6515 Datasheet HTML 5Page - Micro Commercial Components 2N6515 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.mccsemi.com
MCC
Collector Cutoff Current
(VCB = 150 Vdc, IE = 0)
2N6515
(VCB = 200 Vdc, IE = 0)
2N6519
(VCB = 250 Vdc, IE = 0)
2N6517, 2N6520
ICBO
—
—
—
50
50
50
nAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
2N6515, 2N6517
(VEB = 4.0 Vdc, IC = 0)
2N6519, 2N6520
IEBO
—
—
50
50
nAdc
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc)
2N6515
2N6519
2N6517, 2N6520
(IC = 10 mAdc, VCE = 10 Vdc)
2N6515
2N6519
2N6517, 2N6520
(IC = 30 mAdc, VCE = 10 Vdc)
2N6515
2N6519
2N6517, 2N6520
(IC = 50 mAdc, VCE = 10 Vdc)
2N6515
2N6519
2N6517, 2N6520
(IC = 100 mAdc, VCE = 10 Vdc)
2N6515
2N6519
2N6517, 2N6520
hFE
35
30
20
50
45
30
50
45
30
45
40
20
25
20
15
—
—
—
—
—
—
300
270
200
220
200
200
—
—
—
—
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 20 mAdc, IB = 2.0 mAdc)
(IC = 30 mAdc, IB = 3.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
—
—
—
0.30
0.35
0.50
1.0
Vdc
Base–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 20 mAdc, IB = 2.0 mAdc)
(IC = 30 mAdc, IB = 3.0 mAdc)
VBE(sat)
—
—
—
0.75
0.85
0.90
Vdc
Base–Emitter On Voltage
(IC = 100 mAdc, VCE = 10 Vdc)
VBE(on)
—
2.0
Vdc
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(1)
(IC = 1.0 mAdc, IB = 0)
2N6515
2N6519
2N6517, 2N6520
V(BR)CEO
250
300
350
—
—
—
Vdc
Collector–Base Breakdown Voltage
(IC = 100 µAdc, IE = 0 )
2N6515
2N6519
2N6517, 2N6520
V(BR)CBO
250
300
350
—
—
—
Vdc
Emitter–Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
2N6515, 2N6517
2N6519, 2N6520
V(BR)EBO
6.0
5.0
—
—
Vdc
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
NPN 2N6515 2N6517
PNP 2N6519 2N6520



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com