Electronic Components Datasheet Search
  English  ▼

X  

BAS16WX Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS16WX
Description  High Speed Switching Diode 350mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16WX Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16WX Datasheet HTML 1Page - Micro Commercial Components BAS16WX Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
l Fast Switching Speed
l Surface Mount Package Ideally Suited for Automatic Insertion
l For General Purpose Switching Applications
l High Conductance
Mechanical Data
l Case: SOD-323, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Indicated by Cathode Band
l Weight: 0.008 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Non-Repetitive Peak Reverse Volt.
V
RM
85
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
RRM
V
RWM
V
R
75
V
RMS Reverse Voltage
V
R(RMS)
53
V
Forward Continuous Current(Note1)
I
FM
200
mA
Average Rectified Output Current
Io
100
mA
Non-Repetitive Peak @ t<=1.0s
Forward Surge Current @ t=10us
I
FSM
2
1
A
Power Dissipation(Note 1)
Pd
350
mW
Thermal Resistance(Note 1)
R
315
K/W
Operation/Storage Temp. Range
Tj, T
STG
-55 to
+150
oC
Electrical Characteristics @ 25oC Unless Otherwise Specified
BAS16WX
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD323
0.715
IF=1.0mA
Maximum Forward
VFM
0.855
V
IF=10mA
Voltage Drop
1
IF=50mA
1.25
IF=150mA
Maximum Peak
IRM
1.0
uA VR=75V Tj=25
o
C
Reverse Current
50
uA VR=75V Tj=150
o
C
Junction Capacitance
Cj
2
pF VR=0V, f=1.0MHz
Reverse Recovery Time
trr
6
ns
IF=IR=10mA, Irr=0.1IR,
R L=100 OHM
Note: 1. Valid provided that terminals are kept at ambient temperature
www.mccsemi.com
High Speed
Switching Diode
350mW
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BAS16WX

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAS16WX CHENYI-BAS16WX Datasheet
59Kb / 2P
High Speed Switching Diode 350mW
logo
Micro Commercial Compon...
BAS16WX MCC-BAS16WX Datasheet
212Kb / 3P
High Speed Switching Diode 350mW
logo
Jiangsu Changjiang Elec...
BAS16WX JIANGSU-BAS16WX Datasheet
720Kb / 4P
HIGH-SPEED SWITCHING DIODE
logo
Nanjing International G...
BAS16WX DGNJDZ-BAS16WX Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate Transistors
logo
Shunxin Technology Co.,...
BAS16WX SXSEMI-BAS16WX Datasheet
995Kb / 3P
HIGH-SPEED SWITCHING DIODE
More results

Similar Description - BAS16WX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
High Speed Switching Diode 350mW
BAS16WX CHENYI-BAS16WX Datasheet
59Kb / 2P
High Speed Switching Diode 350mW
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_11 Datasheet
175Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_11 Datasheet
212Kb / 3P
High Speed Switching Diode 350mW
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
High Speed Switching Diode 350mW
BAS16W-TP MCC-BAS16W-TP Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
High Speed Switching Diode 350mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com